Electronic Components Datasheet Search
  English  ▼

X  

OV5116N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OV5116N
Description  OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5116N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OV5116N Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OV5116N
May 4, 2001
Version 2.1
2
SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
OMNIVISION TECHNOLOGIES, Inc.
1. Introduction
This section describes the features and functions of the OV5116N, a monochrome CMOS video camera integrated circuit.
2. Pin Assignments:
* Pin 9 and Pin 24 must be used in a logical combination as per the following table:
Table 1.
Pin Descriptions
Pin #
Name
Class
Function
1, 2, 20,
23, 26
AVDD, SVDD,
DVDD, OVDD
DEVDD
Bias
Power (+5V) connections.
3
VRCHG
OA
Internal voltage reference. Connect to AGND with a 0.1uF capacitor.
4
N50
I-Ø
Set low(Ø)=standard NTSC. Set high (1)=50hz light (For use in Japan Only);
5
ABOFF
I-Ø
Auto brightness level descending function off
6
VCBRT
OA
Video DC Output Black level, leave it open in usual case
7, 21,
25, 28
SGND, DGND,
DEGND, AGND
Bias
Ground connections. Connect to supply common.
8
NTSC
I-1
Set high(1)=EIA/NTSC mode
*9
BKLT
I-Ø
Backlight mode 1
10
XTAL2
XO
Oscillator clock output or crystal output.
11
XTAL1
XI
External oscillator input or crystal input: 12.288MHz
12
FSI
I-Ø
External frame sync input. A rising edge on FSI sets the chip timing to vertical sync.
Leave open if unused.
13
OENB
I-Ø
A logic level input to enable or tri-state CVO. Logic high(1)=tri-state;low(Ø)=enabled.
14
G4X
I-Ø
A logic level input which when high places the maximum AGC gain to 4x. When low the
sensor AGC gain is 2x.
15
FAST
I-Ø
A logic level input to enable/disable AGC/AEC FAST mode. High enables, low disables,
which provides slow and smooth AGC/AEC mode.
16
BPED
I-Ø
A logic level input to disable on chip edge enhancement. High disable, low enable.
17
GAMMA
I-1
A logic level pin to select the transfer characteristic of output voltage versus light input.
Logic high for g=0.45; low for g=1.
18
FSO/MIRR
I/O
Ø/Ø
In/out pin.Frame Sync Output. Digital frame sync output pin. Positive pulse occurs during
the CVO vertical sync period. Input is a logic level input to enable mirror function.
Low(Ø)=Standard, High(1)=Mirror.
19
PCLK/G8X
I/O
Ø/Ø
Digital pixel clock output. Provides 2 functions: When high a valid pixel is present at CVO
and in sync with PCLK. Input is a logic level input to enable maximum AGC gain to 8x
(only effective when pin 14 is set to high(1))
22
CVO
Q
The composite video output signal. The output is a source follower capable of directly
driving a 1V p-p signal into a 108
Ω load.(75Ω external and 33Ω internal)
*24
ATBLKT
I-Ø
Backlight mode 2
27
VREQ
OA
Internal voltage reference level. Connect to AGND with a 0.1uF capacitor.
ATB LK(Pin 24)
BLK T(Pin 9)
Mode
ØØ
Norm al Mode
Ø
1
Mode 1 - M anual B ack light
1
Ø
Mode 2 – A utom atic B ack light (Chip determ ination)
11
Future Use
Class
Default Level
I-1
digital input, w ith 100k pull up
I-Ø
digital input, w ith 100k pull dow n
I/O
digital C MOS level input and output
OA
analog C MOS reference voltage
Q
75 ohm output
XI/XO
crystal input/output
Bias
power supply bias
Ø: Low; O: Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com