Electronic Components Datasheet Search
  English  ▼

X  

OV5116N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV5116N
Description  OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5116N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV5116N Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
May 4, 2001
Version 2.1
5
OV5116N
SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
OMNIVISION TECHNOLOGIES, Inc.
OV5116 Module Reference Design (Use for all new designs)
Figure 3. Reference Design for OV5116 (Use for all new designs)
OmniVision Technologies, Inc. reserves the right to make changes without further notice to any product herein to improve reliability, function, or
design. OmniVision Technologies, Inc. does not assume any liability arising out of the application or use of any product or circuit described
herein; neither does it convey any license under its patent rights nor the rights of others. No part of this publication may be copied or repro-
duced, in any form without the prior written consent of OmniVision Technologies, Inc.
J9
CON1
1
C5
.1U-0603
930 Thompson Place, Sunnyvale, CA 94086
VCC
PWR
C7
10P-0603
MIRR
R5
R11
1M-0603
NTSC
R2
10K-0603
Phone 408-733-3030 Fax 408-733-3061
R8
10K-0603
OV5116 MODULES
A
OV5116MD
Custom
11
Tuesday, September 21, 1999
Title
Size
Document Number
Rev
Date:
Sheet
of
U1
MC78L05ACP
3
1
VIN
VOUT
R3
10K-0603
FSI
J5
CON1
1
VCC
VCC
C3
1U/TE-A
J10
CON1
1
R7
J8
CON1
R6
J11
CON1
1
R12
10K-0603
R1
10K-0603
VCC
C1
.1U-0603
FAST
J1
CON1
1
C6
10P-0603
VCC
J3
CON1
1
GND
J6
CON1
1
R9
10K-0603
VCC
R10
10K-0603
U2
OV5116
5
6
7
8
9
10
11
19
20
21
22
23
24
25
ABOFF
VRBRT
SGND
NTSC
BKLT
XTAL2
XTAL1
PCLK/G8X
DVDD
DGND
CVO
OVDD
ATBLT
DEGND
VCC
C4
.1U-0603
CVO
Y1:13.5MHz, R9-on 50Hz, 352x288
R15
10K-0603
OENB
G8X
GND
J13
CON1
1
VCC
Y1:12.288MHz, R9-off 60Hz, 320x240
R4
10K-0603
GAMMA
J4
CON1
C2
47U-16
R13
10K-0603
J12
CON1
1
(5V)
J2
CON1
1
R8
R5
OFF
OFF
Normal
ON
OFF
Manual Back Light
OFF
ON
Auto Back Light1
ON
ON
Auto Back Light2
R15
4x
max gain
R14
AGC/AEC
Fast mode (10k
pull up resistor for outdoor use)
R12
Bypass Edge
R13
Gamma off
R10
Mirror mode
R7
8X GAIN(Effect only R15on)
R2
N50 mode
R4
Auto Brightness Off
R9
Pal/Ntsc Switch
R1/R3
Adjust Brightness
level(open at normal case)
VCC
Y1
X-12.288M
J7
CON1
G4X
Option
R14
10K-0603



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com