Electronic Components Datasheet Search
  English  ▼

X  

OV5116N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV5116N
Description  OV5116N SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV5116N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV5116N Datasheet HTML 1Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 2Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 3Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 4Page - List of Unclassifed Manufacturers OV5116N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
May 4, 2001
Version 2.1
3
OV5116N
SINGLE IC CMOS MONOCHROME CAMERA WITH NTSC ANALOG OUTPUT
OMNIVISION TECHNOLOGIES, Inc.
3. Electrical Characteristics
* assuming standard loading of 108
Ω (33Ω internal+75Ω external).
Table 2. Electrical Parameters
PARAMETER
CONDITIONS
MIN
TYP
MAX
Units
VDD
Power supply voltage
4.75
5.00
5.25
volts
Vpeak
CVO output peak voltage*
1.0
volts
Vblnk
CVO output blank voltage*
0.4
volts
Vsync
CVO output sync voltage*
0
volts
IDD1
Functioning with 108
Ω load on CVO
15
mA
IDD2
Functioning with 10k load on CVO
6
mA
Cin
Maximum pin capacitor
10
pF
fosc
Crystal/ceramic resonator frequency: 60Hz
12.288
MHz
tcyc
Pixel clock cycle time: 60Hz
163
ns
tr, tf
Maximum digital input rise/fall time
20
ns
Table 3. OV5116 TV Timing Specification
Parameters
Units
1
Number of lines per frame
525
lines
2
Field frequency
60.01
Hz
3
Line period
63.476
µsec
4
Line blanking interval
11.41
µsec
5
Line synchronizing pulse
4.56
µsec
6
Field blanking interval
22/23
line
7
First equalizing pulse width
3/2.5
line
8
Field synchronizing pulse width
3
line
9
Second equalizing pulse width
2.5/3
line
10
FSO width
3
line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com