Electronic Components Datasheet Search
  English  ▼

X  

HT7022A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7022A
Description  2.2V Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7022A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HT7022A
Rev. 1.10
5
April 20, 2004
Power-on Reset Circuit
With several external components, the HT7022A can be
used to perform a power-on reset function as shown:
Change of Detectable Voltage
If the required voltage is not found in the standard prod-
uct selection table, it is possible to change it by using ex-
ternal resistance dividers or diodes.
· Varying the detectable voltage with a resistance di-
vider
Detectable voltage =
R+ R
R
AB
B
´ VDET
Hysteresis width =
R+ R
R
AB
B
´ VHYS
· Varying the detectable voltage with a diode
Detectable Voltage = Vf1+Vf2+VDET
Malfunction Analysis
The following circuit demonstrates the way a circuit ana-
lyzes malfunctions by monitoring the variation or spike
noise of power supply voltage.
Charge Monitoring Circuit
The following circuit shows a charged monitor for pro-
tection against battery deterioration by overcharging.
When the voltage of the battery is higher than the set de-
tectable voltage, the transistor turns on to bypass the
charge current, protecting the battery from overcharg-
ing.
H T 7 0 2 2 A
V O U T
V S S
R
D
V I N
V D D
C
t
V D D
t
V O U T
V O U T
V S S
H T 7 0 2 2 A
V S S
V I N
V S S
V O U T
V D D
R A
R B
H T 7 0 2 2 A
V D D
V I N
V S S
V f 1
V f 2
V O U T
V S S
H T 7 0 2 2 A
V O U T
V S S
V D D
V S S
H T 7 0 2 2 A
V D D
V O U T
V S S
L o a d
B A T T
S o l a r
C e l l
T r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com