Electronic Components Datasheet Search
  English  ▼

X  

HT7022A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7022A
Description  2.2V Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7022A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT7022A
2.2V Voltage Detector
Output Type Selection Table
VDD
VDD>VDET(+)
VDD£VDET(-)
Type
VOUT
A
Hi-Z
VSS
Rev. 1.10
1
April 20, 2004
General Description
The HT7022A is a three-terminal low power voltage de-
tector implemented in CMOS technology. It detects a
particular fixed voltage 2.2V. The voltage detector con-
sists of a high-precision and low power consumption
standard voltage source, a comparator, hysteresis cir-
cuit, and an output driver. CMOS technology ensures
low power consumption.
Although designed primarily as fixed voltage detectors,
these devices can be used with external components to
detect user specified threshold voltages (NMOS open
drain type only).
Features
· Low detectable voltage 2.2V
· Low power consumption
· Low temperature coefficient
· Built-in high-stability reference source
· Built-in hysteresis characteristic
· TO-92 and SOT-89 package
Applications
· Battery checkers
· Power failure detectors
· Microcomputer reset
· Battery memory backup
· Non-volatile RAM signal storage protectors


Similar Part No. - HT7022A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
131Kb / 16P
Voltage Detector
January 14, 2003
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
161Kb / 16P
TinyPower Voltage Detector
January 26, 2006
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
143Kb / 17P
TinyPowerTM Voltage Detector
HT7022A-2 HOLTEK-HT7022A-2 Datasheet
144Kb / 17P
TinyPowerTM Voltage Detector
December 14, 2012
More results

Similar Description - HT7022A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
BS812A-1 HOLTEK-BS812A-1 Datasheet
1Mb / 27P
Operating voltage: 2.2V~5.5V
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
logo
EHAOAN.
HS1838T-B-E EHAOAN-HS1838T-B-E Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
HS5038B-C EHAOAN-HS5038B-C Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
HS5338B-D EHAOAN-HS5338B-D Datasheet
1Mb / 8P
Operating voltage: 2.2v -5.5v
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com