Electronic Components Datasheet Search
  English  ▼

X  

HT7022A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7022A
Description  2.2V Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7022A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HT7022A
Rev. 1.10
4
April 20, 2004
Functional Description
The HT7022A is a voltage detector equipped with a high
stability voltage reference which is connected to the
negative input of a comparator
¾ denoted as VREF in the
following figure for NMOS output voltage detector.
When the voltage drop to the positive input of the com-
parator (i,e,VB) is higher than VREF, VOUT goes high,
M1 turns off, and VB is expressed as VBH=VDD
´
(RB+RC)/(RA+RB+RC). If VDD is decreased so that VB
falls to a value less than VREF, the comparator output in-
verts from high to low, VOUT goes low, VC is high, M1
turns on, RC is bypassed, and VB becomes:
VBL=VDD
´RB /(RA+RB), which is less than VBH. By so
doing, the comparator output will stay low to prevent the
circuit from oscillating when VB
» VREF.
If VDD falls below the minimum operating voltage, the
output becomes undefined. When VDD goes from low to
VDD
´ RB /(RA+RB)>VREF, the comparator output and
VOUT goes high.
The detectable voltage is defined as:
VDET (
-)=
R+ R + R
R+ R
AB
C
BC
´ VREF
The release voltage is defined as:
VDET (+) =
R+ R
R
AB
B
´ VREF
The hysteresis width is:
VHYS =VDET (+)
- VDET (-)
The figure demonstrates the NMOS output type with
positive output polarity (VOUT is normally open, active
low).
V S S
V D D
R A
R B
R C
M 1
M N
C o m p a r a t o r
V O U T
R L
V R E F
V B
V C
NMOS Output Voltage Detector
Application Circuits
Microcomputer Reset Circuit
Normally a reset circuit is required to protect the micro-
computer system from malfunctions due to power line
interruptions. The following examples show how differ-
ent output configurations perform a reset function in var-
ious systems.
· NMOS open drain output application for separate
power supply
· NMOS open drain output application with R-C delay
H T 7 0 2 2 A
V D D
V S S
V O U T
M i c r o -
c o m p u t e r
C
R
V D D 2
V D D 1
R E S E T
H T 7 0 2 2 A
V S S
V O U T
M i c r o -
c o m p u t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com