Electronic Components Datasheet Search
  English  ▼

X  

CCG1 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CCG1
Description  USB Type-C Port Controller with Power Delivery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG1 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CCG1 Datasheet HTML 1Page - Cypress Semiconductor CCG1 Datasheet HTML 2Page - Cypress Semiconductor CCG1 Datasheet HTML 3Page - Cypress Semiconductor CCG1 Datasheet HTML 4Page - Cypress Semiconductor CCG1 Datasheet HTML 5Page - Cypress Semiconductor CCG1 Datasheet HTML 6Page - Cypress Semiconductor CCG1 Datasheet HTML 7Page - Cypress Semiconductor CCG1 Datasheet HTML 8Page - Cypress Semiconductor CCG1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Document Number: 001-93639 Rev. *K
Page 4 of 31
CCG1 Datasheet
Pin Definitions
Table 1 provides the pin definition for 35-Ball WLCSP for the Cable/EMCA application. Refer to Table 23 for part numbers to package
mapping.
Table 1. Pin Definitions for 35-ball WLCSP for EMCA Cable Application
Functional Pin Name
CYPD1103-
35FNXIT
Balls
Type
Description
CC1_RX
C4
I
CC1 control
0: TX enabled
z: RX sense
CC1_TX
D7
O
Configuration Channel 1
SWD_IO
D1
I/O
SWD I/O
SWD_CLK
C1
I
SWD clock
I2C_SCL
B1
I/O
I2C clock signal
I2C_SDA
B2
I/O
I2C data signal
XRES
B6
I
Reset
VCCD
A7
POWER
Regulated digital supply output. Connect a 1 to 1.6-µF capacitor. No
external source should be connected
VDDD
C7
POWER
Power supply for both analog and digital sections
VSSA
B7
GND
Analog ground
CC_VREF
C5
I
Data reference signal for CC lines
TX_U
B3
O
Signals for internal use only. The TX_U output signal should be
connected to the TX_M signal
TX_M
B5
I
–
TX_REF_IN
D3
I
Reference signal for internal use. Connect to TX_REF output via a
2.4K 1% resistor
TX_GND
A3
I
Connect to GND via 2K 1% resistor
TX_REF_OUT
D4
O
Reference signal generated by connecting internal current source to
two 1K external resistors
RA_DISCONNECT
E4
O
Optional control signal to remove RA after assertion of VCONN
0: RA disconnected
1: RA connected
VCONN_DET
C6
I
Local VCONN detection signal
0: VCONN is not locally applied
1: VCONN is locally applied
CC1_LPREF
A5
I
Reference signal for internal use. Connect to the output of resistor
divider from VDDD.
RA_FAR_DISCONNECT
E5
O
Optional control signal to remove RA after assertion of VCONN (NC
for 2 chip/cable)
0: RA disconnected
1: RA connected
BYPASS
D5
I
Bypass capacitor for internal analog circuits
CC1_LPRX
C3
I
Configuration channel 1 RX signal for Low Power States
GPIO
A1, A2, A4, A6,
B4, C2, D2, D6,
E1, E2, E3, E6,
E7
–
General-purpose I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com