Electronic Components Datasheet Search
  English  ▼

X  

CCG1 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CCG1
Description  USB Type-C Port Controller with Power Delivery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG1 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CCG1 Datasheet HTML 15Page - Cypress Semiconductor CCG1 Datasheet HTML 16Page - Cypress Semiconductor CCG1 Datasheet HTML 17Page - Cypress Semiconductor CCG1 Datasheet HTML 18Page - Cypress Semiconductor CCG1 Datasheet HTML 19Page - Cypress Semiconductor CCG1 Datasheet HTML 20Page - Cypress Semiconductor CCG1 Datasheet HTML 21Page - Cypress Semiconductor CCG1 Datasheet HTML 22Page - Cypress Semiconductor CCG1 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Document Number: 001-93639 Rev. *K
Page 19 of 31
CCG1 Datasheet
Figure 7. Two Chip/Cable, Component Count = 15/paddle
Figure 8. 16-pin SOIC Power Adapter Application Diagram
CYPD1103-35FNXI
35CSP
VCONN 1
VBUS
CC
VDDD
Type-C Plug
1uF
VCCD
VSSA
CC_VREF
XRES
SWD_
IO
SWD_
CLK
I2C_
SCL
I2C_
SDA
TX_REF_OUT
2k
 1%
TX_GND
TX_REF_IN
CC1_RX

TX_M
TX_U
CC1_TX
22
 1%
Type-C Plug
VCONN 2

1%
Ra
VCONN_DET
1uF
CC1_LPRX
100k
 1%
12.4k
 1%
CC1_LPREF
TF412S
100k
10%
D
G
S
RA_DISCONNECT
806
1%
Ra
TF412S
100k
10%
D
G
S
2.4k
 1%
2.2nf
2k
 1%
BYPASS
47pF
CYPD1103-35FNXI
35CSP
VDDD
1uF
VCCD
VSSA
CC_VREF
XRES
SWD_
IO
SWD_
CLK
I2C_
SCL
I2C_
SDA
TX_REF_OUT
2k
 1%
TX_GND
TX_REF_IN
CC1_RX

TX_M
TX_U
CC1_TX
22
 1%
VCONN_DET
1uF
CC1_LPRX
100k
 1%
12.4k
 1%
CC1_LPREF
RA_DISCONNECT
2.4k
 1%
2.2nf
2k
 1%
BYPASS
47pF
VBUS
CC
GND
GND
SuperSpeed and HighSpeed Lines
SuperSpeed and HighSpeed Lines
C5
C4
D7
B3
B5
D3
A3
D4
C3
C5
C4
D7
B3
B5
D3
A3
D4
C3
C7
A5
C7
A5
A7
B7
B6
C6
E4
D5
A7
B7
B6
C6
E4
D5
D1
C1
B1
B2
D1
C1
B1
B2
G
G
NTNS3164NZ
NTNS3164NZ
RA_FAR_DISCONNECT
E5
RA_FAR_DISCONNECT
E5
D
S
D
S
GPIO
A1, A2, A4, A6, B4, C2, D2,
D6, E1, E2, E3, E6, E7
GPIO
A1, A2, A4, A6, B4, C2, D2,
D6, E1, E2, E3, E6, E7
CYPD1132-16SXI
16SOIC
CC
1uF
CC_CTRL
SWD_IO
84.5
1%
51.1
1%
4.7nF
16
SWD_CLK
1
VSEL1
13
6
8
XRES
5
15
11
2
5-20 Volts
From
Secondary
Side
VSSA
9
5.6K 1%
34
VBUS
VBUS_DISCHARGE/
CC_VREF
10
100k1%
10k1%
21.5k1%
3.3V
VBUS_DISCHARGE
MGSF1N03L
3.3v
1uF
To
Primary
Side
49.9k
1%
G
S
PFET
DMG7401SFG-7
D
D
S
G
0.1uF
0.1uF
VSSD
7
CS
12
VSEL2
14
3.9k1%
MGSF1N03LT1G
NFET
100
1%
VBUS_DISCHARGE
10uF
MGSF1N03L
NFET
1k1%
100k
VBUS
VSEL1
VSEL2
5V
0
0
12V
0
1
19.6V
1
0
0.1uF
Rsense
10 m
Sense Resistor on the
return path of Secondary
Select
NFET
with Vth
> 1V
Rp
CC
4.7k 1%
3.3v
330pF
3.3v
NTS3164NZ
CCG1 supports up to 2.2kV ESD
protection. If higher protection is
required, add external ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com