Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 5 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix P12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P12
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
5
Document Number: 51033
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
MODEL
BUSHING
SHAFT
LEADS
OHMIC VALUE
TOLERANCE
TAPER
PACKAGING
SPECIAL
P12
ØL
Old
codes
ØL
Old
codes
S = STD
X
Y
Linear
from 22
Ω
to 10 M
Ω
Logarithmic
from 100
Ω
to 2.2 M
Ω
472 = 4.7 k
Ω
M = 20 %
On request:
K = 10 %
A =
linear
L =
clockwise
logarithmic
F =
inverse
clockwise
logarithmic
Shafts
AJ and EJ:
B1 =
box of
15 pieces
Other shafts:
box of
25 pieces
DE =
Shaft and
panel sealed
hardware
or
special code
given by
Vishay
T6
8
T
AA 3
9.5
K
Q 7
8
Q
AB 3 12.5
L, M
O 6 11
H
AJ 3
22
R
EA 4
9.5
E
EB 4 12.5
F
EJ 4
22
G
AP
Custom shaft
PART NUMBER DESCRIPTION (for information only)
P12
H
L
4K7
20 %
A
BO
DE
e3
MODEL BUSHING
LEADS
SPECIAL SHAFT
VALUE TOLERANCE TAPER SPECIAL PACKAGING SPECIAL AP No SPECIAL
LEAD
FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
OA
B
S
7
A
B
4
12
DE
2
P
2
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com