Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 1 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix P12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
P12
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
1
Document Number: 51033
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fully Sealed Container Cermet Potentiometer
Professional Grade
FEATURES
•1 W at 70 °C
• Cermet element
• Test according to CECC 41000 or IEC 60393-1
• Full sealing
• Mechanical strength
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Multiple module
No
Switch module
n/a
Detent module
n/a
Special electrical laws
A: linear, L: logarithmic, F: reverse
logarithmic
Sealing level
IP 67
Lifespan
25K cycles
P12T
P12Q
P12O
DIMENSIONS in millimeters ± 0.5 mm
P12T
2 ± 0.2
12 ± 0.5
12 ± 0.5
6.1 ± 0.2
0.4
6.5
R = 22
M = 12.5
K = 9.5
Tol. ± 0.5
0.8
Ø 3
8
10.2 ± 0.5
5.08
0.75
Thread M6 x 0.75
5.08
Slot 0.6 x 1 deep
10 wrench
4.3
ab
c
Ø 2.2
Ø 6.5
Panel cutout
Panel thickness: 4 max.
6.1 ± 0.2
2 ± 0.2
12 ± 0.5
6.1 ± 0.2
0.4
6.5
G = 22
F = 12.5
E = 9.5
Tol. ± 0.5
0.8
Ø 4
8
10.2 ± 0.5
5.08
0.75
Thread M7 x 0.75
5.08
Slot 0.8 x 1.4 deep
10 wrench
4.3
ab
c
P12Q
12 ± 0.5
Ø 2.2
Ø 7.5
Panel cutout
6.1 ± 0.2
R = 22 or G
M = 12.5 or F
K = 9.5 or E
Tol. ± 0.5
5.08
Ø 3
or
Ø 4
8
0.4
Thread M6 x 0.75
or thread M7 x 0.75
6.5 ± 1
10.4 ± 0.5
5.08
10.16
0.75
4.3
12 ± 0.5
10.16
5.08
ab
c
Terminal spacing
Leads Y
5.08
3.8 min.
0.9
0.5
1.25
Base level
0.75
5.085.08
5.08
10.16
cb a
Thread M6 × 0.75
or thread M7 × 0.75
ac
b
12 ± 0.5
10.5 ± 0.5
Ø 3
or
Ø 4
R = 22 or G
M = 12.5 or F
K = 9.5 or E
Terminal spacing
Leads X
5.08
8
10.16


Similar Part No. - P12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
P12 DBLECTRO-P12 Datasheet
369Kb / 2P
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Vishay Siliconix
P12 VISHAY-P12 Datasheet
140Kb / 5P
Fully Sealed Container Cermet Potentiometers Military and Professional Grade
06-Jul-06
P12 VISHAY-P12 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
logo
Trumeter Technologies
P12-4916A TRUMETER-P12-4916A Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
P12-4916B TRUMETER-P12-4916B Datasheet
525Kb / 3P
6 Digit Non-Reset Counter
More results

Similar Description - P12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PE30 VISHAY-PE30_08 Datasheet
131Kb / 6P
Fully Sealed Container Cermet Potentiometer Military and Professional Grade
04-Sep-08
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T12 VISHAY-T12 Datasheet
132Kb / 5P
Fully Sealed Container Square or Round Cermet Trimmers
06-Jul-06
P13SM VISHAY-P13SM Datasheet
175Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
10-Dec-15
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
P13 VISHAY-P13_17 Datasheet
137Kb / 7P
Fully Sealed Container Cermet Potentiometer
04-Jul-17
P12 VISHAY-P12_V01 Datasheet
124Kb / 6P
Fully Sealed Container Cermet Potentiometer Professional Grade
04-Jul-17
P13SM VISHAY-P13SM_V01 Datasheet
122Kb / 6P
Fully Sealed Container Cermet Potentiometers Submarine Applications
29-Jul-2021
P13 VISHAY-P13_V01 Datasheet
121Kb / 7P
Fully Sealed Container Cermet Potentiometer Professional Grade
21-Nov-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com