Electronic Components Datasheet Search
  English  ▼

X  

P12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P12
Description  Fully Sealed Container Cermet Potentiometer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P12 Datasheet(HTML) 3 Page - Vishay Siliconix

  P12 Datasheet HTML 1Page - Vishay Siliconix P12 Datasheet HTML 2Page - Vishay Siliconix P12 Datasheet HTML 3Page - Vishay Siliconix P12 Datasheet HTML 4Page - Vishay Siliconix P12 Datasheet HTML 5Page - Vishay Siliconix P12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P12
www.vishay.com
Vishay Sfernice
Revision: 04-Jul-17
3
Document Number: 51033
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-55 °C to +125 °C
Climatic category
55/100/56
Sealing
Fully sealed - Container IP67
PERFORMANCE
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
ΔRT/RT (%)
ΔR1-2/R1-2 (%)
OTHER
Electrical endurance
1000 h at rated power
90’/30’ - ambient temp. 70 °C
± 1 %
-
Contact res. variation: < 3 % Rn
Climatic sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
-
Damp heat, steady state
56 days
40 °C 93 % RH
± 0.5 %
± 1 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
Ω
Change of temperature
5 cycles
-55 °C at +125 °C
± 0.5 %
-
-
Mechanical endurance
25 000 cycles
± 3 %
-
Contact res. variation: < 2 % Rn
Shock
50 g’s at 11 ms
3 successive shocks
in 3 directions
± 0.1 %
± 0.2 %
-
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g’s
during 6 h
± 0.1 %
-
ΔV1-2/V1-3 ≤ ± 0.2 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR TAPER
LOGS TAPER
TYPICAL
TCR
-55 °C
+125 °C
MAX.
POWER AT
70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CURRENT
MAX.
POWER AT
70 °C
MAX.
WORKING
VOLTAGE
MAX.
WIPER
CURRENT
Ω
WV
mA
WV
mA
ppm/°C
22
1
4.69
213.2
± 150
47
1
6.85
145.8
100
1
10
100
220
1
14.8
67.4
470
1
21.6
46.1
1K
1
31.6
31.6
0.5
22.4
22.4
2.2K
1
46.9
21.3
0.5
33.2
15.1
4.7K
1
63.5
14.5
0.5
48.5
10.3
10K
1
100
10
0.5
79.7
7.07
22K
1
148.3
6.7
0.5
105
4.77
47K
1
216.7
4.6
0.5
153
3.26
100K
1
316.2
3.16
0.5
224
2.24
220K
0.56
350
1.59
0.5
332
1.51
470K
0.26
350
0.75
0.26
350
0.74
1M
0.12
350
0.35
0.12
350
0.35
2.2M
0.05
350
0.16
0.05
350
0.16
4.7M
0.02
350
0.07
10M
0.01
350
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com