Electronic Components Datasheet Search
  English  ▼

X  

CYUSB202X Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYUSB202X
Description  SD2??USB and Mass Storage Peripheral Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB202X Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYUSB202X Datasheet HTML 1Page - Cypress Semiconductor CYUSB202X Datasheet HTML 2Page - Cypress Semiconductor CYUSB202X Datasheet HTML 3Page - Cypress Semiconductor CYUSB202X Datasheet HTML 4Page - Cypress Semiconductor CYUSB202X Datasheet HTML 5Page - Cypress Semiconductor CYUSB202X Datasheet HTML 6Page - Cypress Semiconductor CYUSB202X Datasheet HTML 7Page - Cypress Semiconductor CYUSB202X Datasheet HTML 8Page - Cypress Semiconductor CYUSB202X Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
CYUSB202X
Document Number: 001-87710 Rev. *C
Page 4 of 27
SPI Interface
SD2 supports an SPI Master interface on the Serial Peripherals
port. The maximum operation frequency is 33 MHz.
The SPI controller supports four modes of SPI communication
(see SPI Timing Specification on page 18 for details on the
modes) with the Start-Stop clock. This controller is a
single-master controller with a single automated SSN control. It
supports transaction sizes ranging from 4 bits to 32 bits.
Boot Options
SD2 can load boot images from various sources, selected by the
configuration of the PMODE pins. The boot options for the SD2
are as follows:
■ Boot from USB
■ Boot from I2C
■ Boot from eMMC on S0-Port
■ Boot from SPI
Reset
A reset is initiated by asserting the Reset# pin on SD2. The
specific reset sequence and timing requirements are detailed in
Figure 3 on page 15 and Table 13 on page 22. All I/Os are
tristated during a hard reset.
Clocking
SD2 allows either a crystal to be connected between the XTALIN
and XTALOUT pins or an external clock to be connected at the
CLKIN pin. The XTALIN, XTALOUT, CLKIN, and CLKIN_32 pins
can be left unconnected if not used.
Crystal frequency supported is 19.2 MHz, while the external
clock frequencies supported are 19.2, 26, 38.4, and 52 MHz.
SD2 has an on-chip oscillator circuit that uses an external
19.2 MHz (±100 ppm) crystal (when the crystal option is used).
An appropriate load capacitance is required with a crystal. Refer
to the specification of the crystal used to determine the appro-
priate load capacitance. The FSLC[2:0] pins must be configured
appropriately to select the crystal option/clock frequency option.
The configuration options are shown in Table 3.
Clock inputs to SD2 must meet the phase noise and jitter require-
ments specified in Table 4.
The input clock frequency is independent of the clock/data rate
of SD2 core or any of the device interfaces. The internal PLL
applies the appropriate clock multiply option depending on the
input frequency.
32-kHz Watchdog Timer Clock Input
SD2 includes a watchdog timer that can be used to interrupt the
core, automatically wake up SD2 in Standby mode, and reset the
core. The watchdog timer runs off a 32-kHz clock, which may
optionally be supplied from an external source on a dedicated
pin of SD2.
The watchdog timer can be disabled by firmware.
Requirements for the optional 32-kHZ clock input are listed in
Table 4.
Table 2. Booting Options for SD2
PMODE[2:0][1]
Boot From
FF0
S0-Port: eMMC
On failure, USB boot enabled
FF1
USB Boot
FFF
I2C
On Failure, USB Boot is enabled
0FF
I2C only
0F1
SPI
On Failure, USB Boot is enabled
Note
1. F indicates Floating.
Table 3. Crystal/Clock Frequency Selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/Clock
Frequency
0
0
0
19.2-MHz crystal
1
0
0
19.2-MHz input CLK
1
0
1
26-MHz input CLK
1
1
0
38.4-MHz input CLK
1
1
1
52-MHz input CLK
Table 4. Input Clock Specifications for SD2
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–
–75
dB
1-kHz offset
–
–104
dB
10-kHz offset
–
–120
dB
100-kHz offset
–
–128
dB
1-MHz offset
–
–130
dB
Maximum frequency
deviation
–150
ppm
Duty cycle
30
70
%
Overshoot
–
3
%
Undershoot
–
–3
%
Rise time/fall time
–
3
ns
Table 5. 32-kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise Time/fall Time
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com