Electronic Components Datasheet Search
  English  ▼

X  

CYUSB202X Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CYUSB202X
Description  SD2??USB and Mass Storage Peripheral Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB202X Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CYUSB202X Datasheet HTML 8Page - Cypress Semiconductor CYUSB202X Datasheet HTML 9Page - Cypress Semiconductor CYUSB202X Datasheet HTML 10Page - Cypress Semiconductor CYUSB202X Datasheet HTML 11Page - Cypress Semiconductor CYUSB202X Datasheet HTML 12Page - Cypress Semiconductor CYUSB202X Datasheet HTML 13Page - Cypress Semiconductor CYUSB202X Datasheet HTML 14Page - Cypress Semiconductor CYUSB202X Datasheet HTML 15Page - Cypress Semiconductor CYUSB202X Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
CYUSB202X
Document Number: 001-87710 Rev. *C
Page 12 of 27
AC Timing Parameters
Storage Port Timing
The S0-Port and S1-Port support the MMC Specification Version 4.4 and SD Specification Version 2.0. Table 7 lists the timing
parameters for S0-Port and S1-Port of SD2.
Table 8. S-Port Timing Parameters[2]
Parameter
Description
Min
Max
Units
MMC-20
tSDIS CMD
Host input setup time for CMD
4.8
–
ns
tSDIS DAT
Host input setup time for DAT
4.8
–
ns
tSDIH CMD
Host input hold time for CMD
4.4
–
ns
tSDIH DAT
Host input hold time for DAT
4.4
–
ns
tSDOS CMD
Host output setup time for CMD
5
–
ns
tSDOS DAT
Host output setup time for DAT
5
–
ns
tSDOH CMD
Host output hold time for CMD
5
–
ns
tSDOH DAT
Host output hold time for DAT
5
–
ns
tSCLKR
Clock rise time
–
2
ns
tSCLKF
Clock fall time
–
2
ns
tSDCK
Clock cycle time
50
–
ns
SDFREQ
Clock frequency
20
MHz
tSDCLKOD
Clock duty cycle
40
60
%
MMC-26
tSDIS CMD
Host input setup time for CMD
10
–
ns
tSDIS DAT
Host input setup time for DAT
10
–
ns
tSDIH CMD
Host input hold time for CMD
9
–
ns
tSDIH DAT
Host input hold time for DAT
9
–
ns
tSDOS CMD
Host output setup time for CMD
3
–
ns
tSDOS DAT
Host output setup time for DAT
3
–
ns
tSDOH CMD
Host output hold time for CMD
3
–
ns
tSDOH DAT
Host output hold time for DAT
3
–
ns
tSCLKR
Clock rise time
–
2
ns
tSCLKF
Clock fall time
–
2
ns
tSDCK
Clock cycle time
38.5
–
ns
SDFREQ
Clock frequency
26
MHz
tSDCLKOD
Clock duty cycle
40
60
%
MC-HS
tSDIS CMD
Host input setup time for CMD
4
–
ns
tSDIS DAT
Host input setup time for DAT
4
–
ns
tSDIH CMD
Host input hold time for CMD
3
–
ns
tSDIH DAT
Host input hold time for DAT
3
–
ns
tSDOS CMD
Host output setup time for CMD
3
–
ns
tSDOS DAT
Host output setup time for DAT
3
–
ns
tSDOH CMD
Host output hold time for CMD
3
–
ns
tSDOH DAT
Host output hold time for DAT
3
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com