Electronic Components Datasheet Search
  English  ▼

X  

CYUSB202X Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYUSB202X
Description  SD2??USB and Mass Storage Peripheral Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB202X Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYUSB202X Datasheet HTML 16Page - Cypress Semiconductor CYUSB202X Datasheet HTML 17Page - Cypress Semiconductor CYUSB202X Datasheet HTML 18Page - Cypress Semiconductor CYUSB202X Datasheet HTML 19Page - Cypress Semiconductor CYUSB202X Datasheet HTML 20Page - Cypress Semiconductor CYUSB202X Datasheet HTML 21Page - Cypress Semiconductor CYUSB202X Datasheet HTML 22Page - Cypress Semiconductor CYUSB202X Datasheet HTML 23Page - Cypress Semiconductor CYUSB202X Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
CYUSB202X
Document Number: 001-87710 Rev. *C
Page 20 of 27
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device.
Storage temperature .................................... –65 °C to +150 °C
Ambient temperature with
power supplied (Industrial) ............................ –40 °C to +85 °C
Supply voltage to ground potential
VDD, AVDDQ ..................................................................... 1.25 V
S2VDDQ,S1VDDQ, S0VDDQ, VIO4, VIO5 .............................. 3.6 V
U3TXVDDQ, U3RXVDDQ .................................................. 1.25 V
DC input voltage to any input pin .............................. VCC + 0.3
DC voltage applied to
outputs in High Z State ............................................. VCC + 0.3
(VCC is the corresponding I/O voltage)
Static discharge voltage ESD protection levels:
■ ±2.2-KV human body model (HBM) based on JESD22-A114
■ Additional ESD Protection levels on D+, D–, VBUS, GND pins
U-port and GPIO pins LPP-Port
■ ±6-KV contact discharge, ±8-KV air gap discharge based on
IEC61000-4-2 level 3A, ±8-KV contact discharge, and ±15-KV
air gap discharge based on IEC61000-4-2 level 4C
Latch-up current ........................................................ > 200 mA
Maximum output short circuit current
for all I/O configurations. (Vout = 0 V) ........................ –100 mA
Operating Conditions
TA (ambient temperature under bias)
Industrial ........................................................ –40 °C to +85 °C
VDD, AVDDQ, U3TXVDDQ, U3RXVDDQ
supply voltage .................................................. 1.15 V to 1.25 V
VBATT supply voltage .............................................. 3.2 V to 6 V
S2VDDQ, S1VDDQ, S0VDDQ, VIO4, CVDDQ
supply voltage ...................................................... 1.7 V to 3.6 V
VIO5 supply voltage ............................................ 1.15 V to 3.6 V
DC Specifications
Table 12. DC Specifications
Parameter
Description
Min
Max
Units
Notes
VDD
Core voltage supply
1.15
1.25
V
1.2-V typical
AVDD
Analog voltage supply
1.15
1.25
V
1.2-V typical
VIO2
SD/ MMC/ CF I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VIO3
SD/MMC I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VIO1
GPIO/ CF I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VIO4
GPIO/ I/O power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VBATT
USB voltage supply
3.2
6
V
3.7-V typical
VBUS
USB voltage supply
4.0
6
V
5-V typical
CVDDQ
Clock voltage supply
1.7
3.6
V
1.8-, 3.3-V typical
VIO5
I2C voltage supply
1.2
3.3
V
1.2-,1.8-, 2.5-, and 3.3-V
typical
VIH1
Input HIGH voltage 1
0.625 × VCC
VCC + 0.3
V
For 2.0 V
 VCC  3.6 V (except
USB port).VCC is the corre-
sponding I/O voltage supply.
VIH2
Input HIGH voltage 2
VCC - 0.4
VCC + 0.3
V
For 1.7 V
 VCC 2.0 V
(except USB port). VCC is the
corresponding I/O voltage
supply.
VIL
Input LOW voltage
–0.3
0.25 × VCC
V
VCC is the corresponding I/O
voltage supply.
VOH
Output HIGH voltage
0.9 × VCC
–
V
IOH (max) = –100 µA tested at
quarter drive strength. VCC is
the corresponding I/O voltage
supply.
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL (min) = +100 µA tested at
quarter drive strength. VCC is
the corresponding I/O voltage
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com