Electronic Components Datasheet Search
  English  ▼

X  

MB90352TAPMC Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # MB90352TAPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TAPMC Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button MB90352TAPMC Datasheet HTML 34Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 35Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 38Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 39Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 40Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 41Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 38 of 83
MB90350 Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
7960H
Clock Monitor Function Control Register
CSVCR
R, R/W
Clock Monitor
00011100B
7961H to
796DH
Reserved
796EH
CAN Direct Mode Register
CDMR
R/W
CAN Clock Sync
XXXXXXX0B
796FH
Reserved
7970H
I2C Bus Status Register 0
IBSR0
R
I2C Interface 0
00000000B
7971H
I2C Bus Control Register 0
IBCR0
W,R/W
00000000B
7972H
I2C 10-bit Slave Address Register 0
ITBAL0
R/W
00000000B
7973H
ITBAH0
R/W
00000000B
7974H
I2C 10-bit Slave Address Mask Register 0
ITMKL0
R/W
11111111B
7975H
ITMKH0
R/W
00111111B
7976H
I2C 7-bit Slave Address Register 0
ISBA0
R/W
00000000B
7977H
I2C 7-bit Slave Address Mask Register 0
ISMK0
R/W
01111111B
7978H
I2C data register 0
IDAR0
R/W
00000000B
7979H,
797AH
Reserved
797BH
I2C Clock Control Register 0
ICCR0
R/W
I2C Interface 0
00011111B
797CH to
79A1H
Reserved
79A2H
Flash Write Control Register 0
FWR0
R/W
Dual Operation
Flash
00000000B
79A3H
Flash Write Control Register 1
FWR1
R/W
00000000B
79A4H
Sector Change Setting Register
SSR0
R/W
00XXXXX0B
79A5H to
79C1H
Reserved
79C2H
Setting Prohibited
79C3H to
79DFH
Reserved
79E0H
Detect Address Setting Register 0
PADR0
R/W
Address Match
Detection 0
XXXXXXXXB
79E1H
Detect Address Setting Register 0
PADR0
R/W
XXXXXXXXB
79E2H
Detect Address Setting Register 0
PADR0
R/W
XXXXXXXXB
79E3H
Detect Address Setting Register 1
PADR1
R/W
XXXXXXXXB
79E4H
Detect Address Setting Register 1
PADR1
R/W
XXXXXXXXB
79E5H
Detect Address Setting Register 1
PADR1
R/W
XXXXXXXXB
79E6H
Detect Address Setting Register 2
PADR2
R/W
XXXXXXXXB
79E7H
Detect Address Setting Register 2
PADR2
R/W
XXXXXXXXB
79E8H
Detect Address Setting Register 2
PADR2
R/W
XXXXXXXXB
79E9H to
79EFH
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com