Electronic Components Datasheet Search
  English  ▼

X  

MB90352TAPMC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB90352TAPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TAPMC Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB90352TAPMC Datasheet HTML 1Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 2Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 3Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 4Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 5Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 6Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 7Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 8Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 2 of 83
MB90350 Series
Sub clock pin (X0A, X1A)
■ Yes (using the external oscillation) : devices without S-suffix
■ No (using the sub clock mode at internal CR oscillation) :
devices with S-suffix
Timer
■ Timebase timer, watch timer, watchdog timer: 1 channel
■ 8/16-bit PPG timer: 8-bit × 10 channels or 16-bit × 6 channels
■ 16-bit reload timer: 4 channels
■ 16- bit input/output timer
❐ 16-bit freerun timer : 2 channels (FRT0: ICU0/1, FRT1: ICU
4/5/6/7, OCU 4/5/6/7)
❐ 16- bit input capture: (ICU): 6 channels
❐ 16-bit output compare: (OCU): 4 channels
FULL-CAN interface 1 channel
■ Compliant with Ver2.0 part A and Ver2.0 part B CAN specifica-
tions
■ Flexible message buffering (mailbox and FIFO buffering can
be mixed)
■ CAN wake-up function
UART (LIN/SCI): 2 channels
■ Equipped with full-duplex double buffer
■ Clock-asynchronous or clock-synchronous serial transmission
is available.
I2C interface: 1 channel
■ Up to 400 Kbit/s transfer rate
DTP/External interrupt: 8 channels, CAN wakeup: 1
channel
■ Module for activation of extended intelligent I/O service
(EI2OS), DMA, and generation of external interrupt by external
input.
Delay interrupt generator module
■ Generates interrupt request for task switching.
8/10-bit A/D converter: 15 channels
■ Resolution is selectable between 8-bit and 10-bit.
■ Activation by external trigger input is allowed.
■ Conversion time: 3 μs (at 24-MHz machine clock, including
sampling time)
Program patch function
■ Address matching detection for 6 address pointers.
Capable of changing input voltage level for port
■ Automotive/CMOS-Schmitt (initial level is Automotive in single
chip mode)
■ TTL level (corresponds to external bus pins only, initial level of
these pins is TTL in external bus mode)
Low voltage/CPU operation detection reset (devices
with T-suffix)
■ Detects low voltage (4.0 V
0.3 V) and resets automatically
■ Resets automatically when program is runaway and counter is
not cleared within interval time (approx. 262 ms : external 4
MHz)
Dual operation flash memory (only flash memory
devices with A-suffix)
■ Erase/write and read can be executed in the different bank
(Upper Bank/Lower Bank) at the same time.
Models that support
125 °C
■ Devices without A-suffix (excluding evaluation device)
: The maximum operating frequency is 16 MHz
(at TA  125 °C) .
■ Devices with A-suffix (excluding evaluation device)
: The maximum operating frequency is 24 MHz
(at TA  125 °C) .
Flash security function
■ Protects the content of Flash memory (MB90F352x and
MB90F357x only)
External bus interface
■ 4 Mbytes external memory space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com