Electronic Components Datasheet Search
  English  ▼

X  

MB90352TAPMC Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB90352TAPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352TAPMC Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB90352TAPMC Datasheet HTML 45Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 46Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 47Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 48Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 49Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 50Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 51Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 52Page - Cypress Semiconductor MB90352TAPMC Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 49 of 83
MB90350 Series
(Continued)
*1: This parameter is based on VSS AVSS 0 V
*2: Set AVCC and VCC to the same voltage. Make sure that AVCC does not exceed VCC and that the voltage at the analog inputs
does not exceed AVCC when the power is switched on.
*3: VI and VO should not exceed VCC 0.3 V. VI should not exceed the specified ratings. However if the maximum current to/from
an input is limited by some means with external components, the ICLAMP rating supersedes the VI rating.
*4: Applicable to pins: P00 to P07, P10 to P17, P20 to P25, P30 to P37, P40 to P45, P50 to P56, P60 to P67
*5: • Applicable to pins: P00 to P07, P10 to P17, P20 to P25, P30 to P37, P40 to P45,
P50 to P56 (for evaluation device : P50 to P55) , P60 to P67
• Use within recommended operating conditions.
• Use at DC voltage (current)
•The
B signal should always be applied a limiting resistance placed between the B signal and the microcontroller.
• The value of the limiting resistance should be set so that when the
B signal is applied the input current to the microcontroller
pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the
B input potential may pass
through the protective diode and increase the potential at the VCC pin, and this may affect other devices.
• Note that if a
B signal is input when the microcontroller power supply is off (not fixed at 0 V) , the power supply is provided
from the pins, so that incomplete operation may result.
• Note that if the
B input is applied during power-on, the power supply is provided from the pins and the resulting power supply
voltage may not be sufficient to operate the power-on reset.
• Care must be taken not to leave the
B input pin open.
• Sample recommended circuits:
*6 : If used exceeding TA  105 °C, be sure to contact sales for reliability limitations.
WARNING:
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
VCC
R
■ Input/output equivalent circuits
B input (0 V to 16 V)
Limiting
resistance
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com