Electronic Components Datasheet Search
  English  ▼

X  

CS7615 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 11Page - Cirrus Logic CS7615 Datasheet HTML 12Page - Cirrus Logic CS7615 Datasheet HTML 13Page - Cirrus Logic CS7615 Datasheet HTML 14Page - Cirrus Logic CS7615 Datasheet HTML 15Page - Cirrus Logic CS7615 Datasheet HTML 16Page - Cirrus Logic CS7615 Datasheet HTML 17Page - Cirrus Logic CS7615 Datasheet HTML 18Page - Cirrus Logic CS7615 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
CS7615
DS231PP6
15
Analog to Digital Converter
After the pixel data is double sampled and the ap-
propriate gain has been applied, it is digitized by
the internal 10-bit A/D converter. These resulting
mosaic data are input to the formatter which for-
mats the data before sending it to the chip output.
The output of the A/D converter is also used by the
internal AGC loop in determining the proper gain
setting, and by the black level adjust when reading
the black pixels.
Black Level Adjust to Code 16 (10-bit Code
64)
The output data are adjusted to hold the image
black level at the 8-bit code of 16, in compliance to
the ITU-601 recommendation. During the blanking
periods, the black level adjustment is updated when
over black pixels. The number of black pixels used
is programmable by the user through the I2C inter-
face.
Formatter
The formatter adds the necessary EAV/SAV timing
codes to the output data in accordance with the
ITU-656 recommendation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com