Electronic Components Datasheet Search
  English  ▼

X  

CS7615 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS7615
Description  CCD IMAGER ANALOG PROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7615 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS7615 Datasheet HTML 28Page - Cirrus Logic CS7615 Datasheet HTML 29Page - Cirrus Logic CS7615 Datasheet HTML 30Page - Cirrus Logic CS7615 Datasheet HTML 31Page - Cirrus Logic CS7615 Datasheet HTML 32Page - Cirrus Logic CS7615 Datasheet HTML 33Page - Cirrus Logic CS7615 Datasheet HTML 34Page - Cirrus Logic CS7615 Datasheet HTML 35Page - Cirrus Logic CS7615 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
CS7615
34
DS231PP6
PACKAGE DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.000
0.065
0.00
1.60
A1
0.002
0.006
0.05
0.15
B
0.012
0.018
0.30
0.45
D
0.478
0.502
11.70
12.30
D1
0.404
0.412
9.90
10.10
E
0.478
0.502
11.70
12.30
E1
0.404
0.412
9.90
10.10
e
0.029
0.037
0.70
0.90
L
0.018
0.030
0.45
0.75
∝
0.000
7.000
0.00
7.00
JEDEC # : MS-026
44L TQFP PACKAGE DRAWING
E1
E
D1
D
1
e
L
∝
B
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com