Electronic Components Datasheet Search
  English  ▼

X  

MB90598GPF Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB90598GPF
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598GPF Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB90598GPF Datasheet HTML 1Page - Cypress Semiconductor MB90598GPF Datasheet HTML 2Page - Cypress Semiconductor MB90598GPF Datasheet HTML 3Page - Cypress Semiconductor MB90598GPF Datasheet HTML 4Page - Cypress Semiconductor MB90598GPF Datasheet HTML 5Page - Cypress Semiconductor MB90598GPF Datasheet HTML 6Page - Cypress Semiconductor MB90598GPF Datasheet HTML 7Page - Cypress Semiconductor MB90598GPF Datasheet HTML 8Page - Cypress Semiconductor MB90598GPF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Document Number: 002-07700 Rev. *B
Page 3 of 52
MB90595G Series
1. Product Lineup
Features
MB90598G
MB90F598G
MB90V595G
Classification
Mask ROM product
Flash ROM product
Evaluation product
ROM size
128 Kbytes
128 Kbytes
Boot block
Hard-wired reset vector
None
RAM size
4 Kbytes
4 Kbytes
6 Kbytes
Emulator-specific power supply
*1
None
CPU functions
The number of instructions: 351
Instruction bit length: 8 bits, 16 bits
Instruction length: 1 byte to 7 bytes
Data bit length: 1 bit, 8 bits, 16 bits
Minimum execution time: 62.5 ns (at machine clock frequency of 16 MHz)
Interrupt processing time: 1.5
s
(at machine clock frequency of 16 MHz, minimum value)
UART0
Clock synchronized transmission (500 K/1 M/2 Mbps)
Clock asynchronized transmission (4808/5208/9615/10417/19230/38460/62500
/500000 bps at machine clock frequency of 16 MHz)
Transmission can be performed by bi-directional serial transmission or by master/slave connection.
UART1(SCI)
Clock synchronized transmission (62.5 K/125 K/250 K/500 K/1 Mbps)
Clock asynchronized transmission (1202/2404/4808/9615/31250 bps)
Transmission can be performed by bi-directional serial transmission or by master/slave connection.
8/10-bit A/D converter
Conversion precision: 8/10-bit can be selectively used.
Number of inputs: 8
One-shot conversion mode (converts selected channel once only)
Scan conversion mode (converts two or more successive channels and can program
up to 8 channels)
Continuous conversion mode (converts selected channel continuously)
Stop conversion mode (converts selected channel and stop operation repeatedly)
8/16-bit PPG timers
(6 channels)
Number of channels: 6 (8/16-bit
 6 channels)
PPG operation of 8-bit or 16-bit
A pulse wave of given intervals and given duty ratios can be output.
Pulse interval: fsys, fsys/21, fsys/22, fsys/23, fsys/24 (fsys
system clock frequency)
128
s (fosc = 4MHz: oscillation clock frequency)
16-bit Reload timer
Number of channels: 2
Operation clock frequency: fsys/21, fsys/23, fsys/25 (fsys = System clock frequency)
Supports External Event Count function
16-bit
I/O tim-
er
16-bit
Output compares
Number of channels: 4
Pin input factor: A match signal of compare register
Input captures
Number of channels: 4
Rewriting a register value upon a pin input (rising, falling, or both edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com