Electronic Components Datasheet Search
  English  ▼

X  

MB90598GPF Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB90598GPF
Description  CMOS 16-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90598GPF Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB90598GPF Datasheet HTML 1Page - Cypress Semiconductor MB90598GPF Datasheet HTML 2Page - Cypress Semiconductor MB90598GPF Datasheet HTML 3Page - Cypress Semiconductor MB90598GPF Datasheet HTML 4Page - Cypress Semiconductor MB90598GPF Datasheet HTML 5Page - Cypress Semiconductor MB90598GPF Datasheet HTML 6Page - Cypress Semiconductor MB90598GPF Datasheet HTML 7Page - Cypress Semiconductor MB90598GPF Datasheet HTML 8Page - Cypress Semiconductor MB90598GPF Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
MB90598G/F598G/V595G
F2MC-16LX MB90595G Series
CMOS 16-bit Proprietary Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-07700 Rev. *B
Revised February 6, 2018
The MB90595G series with FULL-CAN interface and FLASH ROM is especially designed for automotive and industrial applications.
Its main features are two on board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible mes-
sage buffer scheme and so offering more functions than a normal full CAN approach.
The instruction set of F2MC-16LX CPU core inherits an AT architecture of the F2MC* family with additional instruction sets for high-
level languages, extended addressing mode, enhanced multiplication/division instructions, and enhanced bit manipulation instruc-
tions. The microcontroller has a 32-bit accumulator for processing long word data.
The MB90595G series has peripheral resources of 8/10-bit A/D converters, UART (SCI), extended I/O serial interface, 8/16-bit PPG
timer, I/O timer (input capture (ICU), output compare (OCU)) and stepping motor controller.
Features
■ Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from divided-by-
2 of oscillation or one to four times the oscillation (at oscillation
of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time: 62.5 ns (operation at
oscillation of 4 MHz, four times the oscillation clock,
VCC of 5.0 V)
■ Instruction set to optimize controller applications
Rich data types (bit, byte, word, long word)
Rich addressing mode (23 types)
Enhanced signed multiplication/division instruction and RETI
instruction functions
Enhanced precision calculation realized by the 32-bit accumu-
lator
■ Instruction set designed for high level language (C language)
and multi-task operations
Adoption of system stack pointer
Enhanced pointer indirect instructions
Barrel shift instructions
■ Program patch function (for two address pointers)
■ Enhanced execution speed: 4-byte instruction queue
■ Enhanced interrupt function: 8 levels, 34 factors
■ Automatic data transmission function independent of CPU
operation
Extended intelligent I/O service function (EI2OS): Up to 10
channels
■ Embedded ROM size and types
Mask ROM: 128 Kbytes
Flash ROM: 128 Kbytes
Embedded RAM size: 4 Kbytes (MB90595G: 6 Kbytes)
■ Flash ROM
Supports automatic programming, Embedded Algorithm
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Hard-wired reset vector available in order to point to a fixed
boot sector
Erase can be performed on each block
Block protection with external programming voltage
■ Low-power consumption (stand-by) mode
Sleep mode (mode in which CPU operating clock is stopped)
Stop mode (mode in which oscillation is stopped)
CPU intermittent operation mode
Hardware stand-by mode
■ Process: 0.5 m CMOS technology
■ I/O port
General-purpose I/O ports: 78 ports
Push-pull output and Schmitt trigger input.
Programmable on each bit as I/O or signal for peripherals.
■ Timer
Watchdog timer: 1 channel
8/16-bit PPG timer: 8/16-bit
 6 channels
16-bit re-load timer: 2 channels
■ 16-bit I/O timer
16-bit Free-run timer: 1 channel
Input capture: 4 channels
Output compare: 4 channels
■ Extended I/O serial interface: 1 channel
■ UART0
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized (with start/stop bit)
transmission can be selectively used.
■ UART1 (SCI)
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized serial transmission
(I/O extended transmission) can be selectively used.
■ Stepping motor controller (4 channels)
■ External interrupt circuit (8 channels)
Amodule for starting an extended intelligent I/O service (EI2OS)
and generating an external interrupt which is triggered by an
external input.
■ Delayed interrupt generation module: Generates an interrupt
request for switching tasks.
■ 8/10-bit A/D converter (8 channels)
8/10-bit resolution can be selectively used.
Starting by an external trigger input.
■ FULL-CAN interface: 1 channel
Conforming to Version 2.0 Part A and Part B
Flexible message buffering (mailbox and FIFO buffering can
be mixed)
■ 18-bit Time-base counter
■ External bus interface: Maximum address space 16 Mbytes


Similar Part No. - MB90598GPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90598GPF FUJITSU-MB90598GPF Datasheet
613Kb / 52P
16-bit Proprietary Microcontroller
MB90598GPF FUJITSU-MB90598GPF Datasheet
1Mb / 56P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90598GPF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com