Electronic Components Datasheet Search
  English  ▼

X  

GS7000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS7000
Description  Serial Digital Video Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS7000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
522 - 06 - 02
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage
5.5V
Input Voltage Range (any input)
VEE < VIN < VCC
DC Input Current (any one input)
10mA
Power Dissipation (VCC = 5.25 V)
830mW
Maximum Die Temperature
125°C
Operating Temperature Range
0°C
≤ TA ≤ 85°C
Storage Temperature Range
-65°C
≤ TS ≤ 150°C
Lead Temperature (soldering 10s)
260°C
AC ELECTRICAL CHARACTERISTICS (Receiver Mode)
VCC = 5V, VEE = 0V, TA = 0°C to 85°C, unless otherwise specified.
Serial Data Rate = 270Mb/s, Parallel Data Rate = 27Mb/s, fPCLK = 27MHz
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Parallel Data Output - Rise/Fall Time
CL = 20pF
tR/F_PDO
1.0
-
6.0
ns
1
1
PCLK rising edge to DOUT(n) center
tD
--
± 5
ns
2, 3
1
PCLK rise/fall time
CL = 20pF
tR/F_PCLKo
0.5
-
3.0
ns
1
1
Input Return Loss
75
Ω match
5MHz -> 270MHz
LOSSIN
-17
-
dB
6
Asynchronous Lock Time
tLOCK_ASYNC
-
-
250
ms
4
1
Synchronous Lock Time
tLOCK_SYNC
-
-
10
µs
5
1
Input Jitter Tolerance
pathological Input
tJ_SI
-0.4
-
U.I.
6
4
Output PCLK Jitter
pathological Input
tJ_PCLKo
-
1000
-
ps p-p
6
1
Max Error Free Cable Length
pathological Input
75
100
-
m
6, 7
1, 4
NOTES
1. Rise/Fall time is defined as the time for the signal to rise from 20% to 80% of the specified p-p value,
or to fall from 80% to 20% of the specified value.
2. Refer also to Figure 21.
3. This is the time difference between the rising edge of PCLKOUT and the center of the bit period.
4. This is the time delay between a valid serial TRS signal on the input, to the moment valid data
appears on the parallel outputs.
5. This is the time for the PLL to re-lock when video streams are switched during the vertical blanking
interval in accordance with SMPTE RP168-1993. The two streams may be 180° out of phase with
respect to one another, but pixel aligned.
6. This pathological pattern is defined in SMPTE RP178-1996, paragraphs 4.1 and 4.3.
7. "Error free" is defined as no single bit errors over a period of 10 minutes, using Belden 8281 Cable
and 75
Ω connections. The MIN value is fully tested and the TYP value is based on using the
EB7000 Evaluation Board.
TEST LEVELS
1. 100% tested at 25 °C
2. Guaranteed by design
3. Inferred or correlated
value
4. Evaluated using test
setup Figure 1a.
5. Evaluated using test
setup Figure 1b.
6. Evaluated using test
setup Figure 1c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com