Electronic Components Datasheet Search
  English  ▼

X  

GS7000 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GS7000
Description  Serial Digital Video Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS7000 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GS7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 12Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 13Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
522 - 06 - 02
14
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku
Tokyo 168-0081, Japan
Tel. +81 (03) 3334-7700 Fax. +81 (03) 3247-8839
GENNUM UK LIMITED
Centaur House, Ancells Bus. Park, Ancells Rd, Fleet, Hants, England GU13 8UJ
Tel. +44 (0)1252 761 039 Fax +44 (0)1252 761 114
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright April 1999 Gennum Corporation. All rights reserved. Printed in Canada.
PACKAGE DIMENSIONS
14.00 BSC
17.20 BSC
14.00
BSC
1.60
REF
1.00 BSC
0.50 MAX
0.35 MIN
17.20
BSC
0.13 MIN
RADIUS
0.13 MIN.
RADIUS
0.88
±0.15
0.40 MIN
14 ±2˚
14 ±2˚
7˚ MAX
0˚ MIN
0˚ MIN
52 pin MQFP
REVISION NOTES:
Removed figure 8.
DOCUMENT IDENTIFICATION
PRELIMINARY DATA SHEET
The product is in a preproduction phase and specifications
are subject to change without notice.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com