Electronic Components Datasheet Search
  English  ▼

X  

GS7000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS7000
Description  Serial Digital Video Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS7000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GS7000 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
522 - 06 - 02
6
INPUT / OUTPUT CIRCUITS
Fig. 3 SDI, SDI
Fig. 5 DIN(0,9), PCLKIN, EQ, Rx/Tx, SMPTE
Fig. 4 SDO, SDO
Fig. 6 DOUT(0,9), H, LOCK, CD
41
VSS
-
-
Most negative supply for CMOS circuits
42
VDD
-
-
Most positive supply for CMOS circuits
43
PCLKOUT
O
Rx
27MHz Clock Output
46
SMPTE
I
Rx/Tx
NRZI de/encoding and SMPTE de/scrambling control. LOW = NRZI and
SMPTE mode on, HIGH = NRZI and SMPTE mode disabled.
47
CD
O
Rx/Tx
Indicates loss of carrier. Low when carrier is present and high when
carrier is lost.
48
VCC3
-
-
Most positive supply for Analog and PECL Circuits
49, 50
SDO, SDO
O
Tx
Differential Serial Data Output
51
VEE3
-
-
Most negative supply for Analog and PECL Circuits
PIN DESCRIPTIONS
NUMBER
SYMBOL
TYPE
MODE
DESCRIPTION
ESD
IN
VDD
VEE
TO INTERNAL
STRUCTURES
ESD
VDD
VSS
TO INTERNAL
STRUCTURES
TTL-IN
ESD
OUT
VDD
VEE
TO INTERNAL
STRUCTURES
ESD
VDD
V
EE
TO INTERNAL
STRUCTURES
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com