Electronic Components Datasheet Search
  English  ▼

X  

9290708 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 9290708
Description  VacIon Plus 1000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9290708 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  9290708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Agilent Vaclon Plus 1000
Ordering Information
United States
Agilent Technologies
121 Hartwell Avenue, Lexington MA 02421, USA
Tel: +1 781 861 7200, Fax: +1 781 860 5437 -
Toll free: +1 800 882 7426
Europe and other countries
Agilent Technologies Italia SpA
via F.lli Varian 54, 10040 Leini, (Torino), Italy
Tel: +39 011 9979 111, Fax: +39 011 9979 350
Toll free: 00 800 234 234 00
This information is subject to change without notice.
© Agilent Technologies, Inc. 2017
Published in Italy, April, 2017
Configurations
Part Numbers
The VIP1000 is available in several configurations
VIP1000 Diode without heater
X3604-64000
VIP1000 Diode with 115 V heater
X3604-64101
VIP1000 Diode with 230 V heater
X3604-64102
VIP1000 StarCell without heater
X3604-64120
VIP1000 StarCell with 115 V heater
X3604-64121
VIP1000 StarCell with 230 V heater
X3604-64122
The VIP1000 can be driven by the 4UHV controller with the configuration
with 200 Watts.
Controller Unit: 4UHV
Part Numbers
200W NEG
9299010
200W POS
9299011
The selection of the controller is strictly dependent on the starting pressure.
If starting pressure is in the 10-6 mbar range, a single channel with 200 Watts is
sufficient to start and maintain the operational function of the pump.
If starting pressure is above 10-6 mbar range, please contact your Agilent
representative.
Cables selection
Part Numbers
Pumps are equipped with standard Fischer high voltage feedthroughs.
Cable lengths available:
4 m Fischer cable
9290705
7 m Fischer cable
9290707
10 m Fischer cable
9290708
20 m Fischer cable
9290709



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com