Electronic Components Datasheet Search
  English  ▼

X  

9290708 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 9290708
Description  VacIon Plus 1000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9290708 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  9290708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Agilent Vaclon Plus 1000
FEATURES:
Gravitational Waves Detected 100 Years
After Einstein’s Prediction
Agilent has contributed to the detection of gravitational waves 100 years after Einstein
predicted them.
The Laser Interferometer Gravitational-Wave Observatory (LIGO) is designed to open
the field of gravitational-wave astrophysics through the direct detection of gravitational
waves predicted by Einstein’s General Theory of Relativity. LIGO’s multikilometer-scale
gravitational wave detectors use laser interferometry to measure the minute ripples in
space-time caused by passing gravitational waves from cataclysmic cosmic sources.
These cosmic sources can include the mergers of pairs of neutron stars or black holes,
or supernovae. LIGO consists of two widely separated interferometers within the United
States, one in Hanford, Washington and the other in Livingston, Louisiana. These
interferometers are operated in unison to detect gravitational waves.
KAGRA is a Gravitational Wave detector under construction in Japan, where Agilent
VIP1000 Ion Pumps will be part of the vacuum system (assembled and tested at
MIRAPRO).
Creating ultraclean and stable high vacuum in these multikilometer detectors is instrumental
to the operation of the entire system and was one of the key technological challenges.
Furthermore uptime, reliability, and vibrationless operation are an absolute requirement for
such detectors.
Agilent designed and built customized ion pumps to fulfil all these stringent criteria,
providing the ideal vacuum conditions for the success of this experiment.
Agilent Ion Pumps mounted on LIGO
Gravitational Waves Detector and at MIRAPRO
for KAGRA Gravitational Wave Interferometer.
*The images are courtesy of
Caltech/MIT/LIGO Laboratory (USA)
and of MIRAPRO CO.LTD (Japan)
● Detectors of gravitational waves
● Large vacuum chambers
● Space simulation
● Research centers
● Laboratories
● Proven Agilent quality
● Noncontaminating technology
● Long operational life
● Vibration-free
● Radiation resistance
● Low cost of ownership
TARGET APPLICATIONS:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com