Electronic Components Datasheet Search
  English  ▼

X  

9290708 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 9290708
Description  VacIon Plus 1000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

9290708 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  9290708 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 9290708 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agilent
VacIon Plus 1000
Data Sheet
Technical Specifications
Specification
Model
Diode
StarCell
Saturated pumping speed for Nitrogen* L/s
1000
800
Saturated pumping speed for Argon*
L/s
-
500
Operating life at 1E-6 mbar for Nitrogen hours
50000
80000
Recommended maximum baking
pressure with ion pump on
mbar
5 x 10-6
Protect current
mA
200
Maximum operating voltage
Vdc
+7000
-7000
+/- 10%
+/- 10%
Recommended starting pressure
mbar
1 x 10-5
1 x 10-4
Ultimate pressure
mbar
10-11
Inlet flange
12” CFF (NW250)
AISI 304 ESR or 316LN ESR
Internal volume
litres
136
Temperature limits:
Pump without magnets
°C
450
Pump with magnets
°C
350
HV cable
°C
220
Material
Body
AISI 304L
Cathodes
Titanium
Anodes
AISI 304L
Magnets
Ferrite (Ceramic 8)
Pole piece
Iron
Weight without heaters
lbs (kg)
585 (265)
* Tested according to ISO/DIS 3556-1-1992
Agilent is now expanding its VacIon Plus product family portfolio
with the introduction of the VacIon Plus 1000 L/s ion pump.
The VIP1000, with a 12 inch ConFlat inlet flange, can be used
for those applications that require the evacuation of large volume
chambers where stable and ultrahigh vacuum is needed.
An example of a suitable application for the new VIP1000 is
undoubtedly the study and detection of gravitational waves. In
this field, large pumping volumes and speeds are required along
with the complete absence of vibration during system operation.
To ensure cleanliness, the VIP1000 undergoes a complete
factory process, including outgassing of the body and internal
components in a high-temperature (450°C) vacuum oven. A full
automated leak check is executed at the beginning and at the
end of the process. To guarantee the pump’s specifications, a final
electrical check is performed. These processes ensure that the
Agilent pump is shipped under ultrahigh vacuum with the highest
level of cleanliness available in the ion pump market.
The VIP1000 can be purchased in Diode and StarCell
configuration, and with or without heater to satisfy most common
application requests.


Similar Part No. - 9290708

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
9290708 HP-9290708 Datasheet
2Mb / 2P
IPCMini Single Channel Ion Pump Controller
More results

Similar Description - 9290708

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AGSC-2417PS ALLIED-AGSC-2417PS Datasheet
310Kb / 1P
10/100/1000 Base T Gigabit Single PoE Plus
AGSC-2424PI ALLIED-AGSC-2424PI Datasheet
453Kb / 1P
10/100/1000 Single Port PoE Plus LAN Filter
AGSC-4806PS ALLIED-AGSC-4806PS Datasheet
449Kb / 1P
100/1000 Base T Gigabit Dual Port PoE Plus
AGTA-4801PS ALLIED-AGTA-4801PS Datasheet
389Kb / 1P
100/1000 Base T Gigabit Dual Port PoE Plus
AGTS-8803PI ALLIED-AGTS-8803PI Datasheet
391Kb / 1P
100/1000 Base T Gigabit Quad Port PoE Plus
AGSC-2408PI ALLIED-AGSC-2408PI Datasheet
345Kb / 1P
100/1000 Base T Gigabit Dual Port PoE Plus
AGSC-2417PI ALLIED-AGSC-2417PI Datasheet
299Kb / 1P
10/100/1000 Base T Gigabit PoE Plus
AGSC-4811PI ALLIED-AGSC-4811PI Datasheet
391Kb / 1P
100/1000 Base T Gigabit PoE Plus
logo
Schneider Electric
ATV61EXA2M10Y SCHNEIDER-ATV61EXA2M10Y Datasheet
111Kb / 8P
variable speed drive ATV61 Plus - 1000 kW - 690V - IP23
31 December 2031
ATV61EXA5M10Y SCHNEIDER-ATV61EXA5M10Y Datasheet
111Kb / 8P
variable speed drive ATV61 Plus - 1000 kW - 690V - IP54
31 December 2031
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com