Electronic Components Datasheet Search
  English  ▼

X  

PE45381 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45381
Description  SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45381 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45381 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mechanical Specifications
Size
Length
0.421 in [10.69 mm]
Width/Dia.
0.156 in [3.96 mm]
Height
0.33 in [8.38 mm]
.
.
Mating Cycles
500 Cycles
Mating Torque
1.75 to 2 in-lbs [0.20 to 0.23 Nm]
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
Insulation
Teflon
Body
Brass
Gold
MIL-G-45204
Coupling Nut
Beryllium Copper
Gold
MIL-G-45204
Crimp Sleeve
Brass
Gold
MIL-G-45204
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Shock
Method 213, Condition B, 75G @6ms @1/2 sine
Vibration
Method 204, Condition D (20G)
Salt Spray
Method 101, Condition B, 5% salt solution
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE45381 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG178, RG196 PE45381
RF Connectors Technical Data Sheet
PE45381
SSMC Plug Right Angle Connector Crimp/
Solder Attachment for RG178, RG196



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com