Electronic Components Datasheet Search
  English  ▼

X  

PE45381 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45381
Description  SSMC Plug Right Angle Connector Crimp Solder Attachment for RG178, RG196
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45381 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45381 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE45381 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• SSMC Plug Connector
• Right Angle Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 12.4 GHz
• Good VSWR of 1.57:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
• Reliable threaded coupling
• Small SSMC connector form factor (50% smaller than
SMA, radially)
• IEC 60169-20 SSMC connector interface
• In stock and ready to ship
Applications
• General Purpose Test
• Custom Cable Assemblies
• Avionics
• A/D Modules
• Data Acquisition
•
Software defined radio (SDR)
• RADAR/SONAR
• Ultra Wideband Digital Receivers
• Medical equipment
.
Description
Pasternack’s PE45381 SSMC plug right angle connector with crimp/solder attachment for RG178 and RG196 is part of our
full line of RF components available for same-day shipping. Our SSMC plug connector operates up to a maximum frequency
of 12.4 GHz and offers good VSWR of 1.57:1. Its right angle body geometry allows for easier connections in tight spaces.
Our SSMC plug right angle connector PE45381 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.57:1
Insertion Loss
0.3
dB
Operating Voltage (AC)
250
Vrms
High Potential Voltage
400
Vrms
5 MHz
Inner Conductor DC Resistance
4
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
-50
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG178, RG196 PE45381
PE45381 REV 1.0
SSMC Plug Right Angle Connector Crimp/
Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE45381


Similar Part No. - PE45381

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4538 PASTERNACK-PE4538 Datasheet
206Kb / 2P
SMA Female Connector Solder Attachment 4 Hole Flange Pin Terminal, .375 inch x .500 inch Hole Spacing
PE45380 PASTERNACK-PE45380 Datasheet
344Kb / 4P
SSMC Jack Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE45382 PASTERNACK-PE45382 Datasheet
381Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316, RG188, RG174, PE-C100-LSZH, PE-B100, LMR-100A-FR, LMR-100A
PE45383 PASTERNACK-PE45383 Datasheet
378Kb / 5P
SSMC Plug Right Angle Connector Crimp/Solder Attachment for RG316-DS, RG188-DS
PE45384 PASTERNACK-PE45384 Datasheet
366Kb / 5P
SSMC Plug Right Angle Connector Solder Attachment for PE-PESR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
More results

Similar Description - PE45381

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4899 PASTERNACK-PE4899 Datasheet
306Kb / 3P
MMCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4335 PASTERNACK-PE4335 Datasheet
204Kb / 2P
SSMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE45195 PASTERNACK-PE45195 Datasheet
338Kb / 3P
SSMB Plug Right Angle Connector Crimp - Solder Attachment for RG178, RG196
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
PE45386 PASTERNACK-PE45386 Datasheet
470Kb / 5P
SSMC Jack Right Angle Bulkhead Mount Connector Crimp/Solder Attachment for RG178, RG196
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com