Electronic Components Datasheet Search
  English  ▼

X  

AB136 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # AB136
Description  Assembly and handling information
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB136 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  AB136 Datasheet HTML 1Page - Lumileds Lighting Company AB136 Datasheet HTML 2Page - Lumileds Lighting Company AB136 Datasheet HTML 3Page - Lumileds Lighting Company AB136 Datasheet HTML 4Page - Lumileds Lighting Company AB136 Datasheet HTML 5Page - Lumileds Lighting Company AB136 Datasheet HTML 6Page - Lumileds Lighting Company AB136 Datasheet HTML 7Page - Lumileds Lighting Company AB136 Datasheet HTML 8Page - Lumileds Lighting Company AB136 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AB136 LUXEON MZ Application Brief 20150528 ©2015 Lumileds Holding B.V. All rights reserved.
3
1. Component
1.1 Description
The LUXEON MZ emitter (see Figure 1) consists of four InGaN LED die packed in 2x2 array mounted onto a ceramic
substrate. This substrate provides mechanical support and thermally connects the LED die to a thermal pad on the bottom
of the substrate. An electrical interconnect via connects the LED die to a cathode and anode on the bottom of the ceramic
substrate.
Each LUXEON MZ emitter includes a transient voltage suppressor (TVS) chip to protect the emitter against electrostatic
discharges (ESD). The TVS chip creates some minor topographical variations across the top surface of the LUXEON MZ
emitters.
The entire top surface of the LUXEON MZ is covered with a thin layer of silicone, with phosphor embedded, to shield the
chip from the environment and to convert the blue light from the die into white light.
The bottom of the LUXEON MZ emitter contains four metallization pads, a large electrically isolated thermal pad in the
center, an anode, a cathode, and a small pad with a laser engraved LED serial number in standard 2D data matrix code
(electrically isolated). The pad with the serial number is not designed to be soldered onto a PCB.
1.2 Optical Center
The LUXEON MZ theoretical optical center is located 1.88mm away from the short edge of LUXEON MZ, opposite to the
TVS and 2.00mm from the long edge of LUXEON MZ (see Figure 2). Note that this optical center is not the same position as
the mechanical package center.
Figure 1. Top view (left) and bottom view (right) of LUXEON MZ emitter.
The pad with laser marking should not be soldered onto a PCB.
Optical rayset files for LUXEON MZ are available from our website: www .lumileds .com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com