Electronic Components Datasheet Search
  English  ▼

X  

AB136 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # AB136
Description  Assembly and handling information
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB136 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button AB136 Datasheet HTML 9Page - Lumileds Lighting Company AB136 Datasheet HTML 10Page - Lumileds Lighting Company AB136 Datasheet HTML 11Page - Lumileds Lighting Company AB136 Datasheet HTML 12Page - Lumileds Lighting Company AB136 Datasheet HTML 13Page - Lumileds Lighting Company AB136 Datasheet HTML 14Page - Lumileds Lighting Company AB136 Datasheet HTML 15Page - Lumileds Lighting Company AB136 Datasheet HTML 16Page - Lumileds Lighting Company AB136 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AB136 LUXEON MZ Application Brief 20150528 ©2015 Lumileds Holding B.V. All rights reserved.
13
Figure 12. Top diagram shows spillover of thermal adhesive to the top of the package.
Bottom diagram shows good amount of thermal adhesive coverage to secure the TC wire.
4.3 Effect of Placing T
s point Further Away from LED Package
As described in 4.2, one of the factors that can affect the T
s measurement is its location. Ideally the most accurate method
to determine T
j is by placing the TC wire directly underneath the center of the thermal pad and then using the typical LED
package thermal resistance, which is widely quoted published in any an LED datasheet, to calculate the T
j.
Such measurements are difficult to make in real life situation, so the next best step is to place the TC wire as close as
possible to the thermal pad.
Figure 13 shows a representative thermal simulation of a LED emitter package. This simulation highlights the impact
of the calculated Rq
j-s if the Ts points are located at two different locations (Ts1 and Ts2). To characterize Rqj-s , Lumileds
selected T
s1 location since this is the closest to the LED package thermal pad when it comes to actual placement of TC wire.
Once the Rq
j-s value is known at location Ts1, if the actual TC wire is then misplaced at location Ts2, the calculated junction
temperature, T
j will be under-estimated.
Figure 13. Representative of thermal simulation of a typical LED package mounted on MCPCB,
showing the contour temperature on one cross section through the LED package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com