Electronic Components Datasheet Search
  English  ▼

X  

AB136 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # AB136
Description  Assembly and handling information
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

AB136 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button AB136 Datasheet HTML 10Page - Lumileds Lighting Company AB136 Datasheet HTML 11Page - Lumileds Lighting Company AB136 Datasheet HTML 12Page - Lumileds Lighting Company AB136 Datasheet HTML 13Page - Lumileds Lighting Company AB136 Datasheet HTML 14Page - Lumileds Lighting Company AB136 Datasheet HTML 15Page - Lumileds Lighting Company AB136 Datasheet HTML 16Page - Lumileds Lighting Company AB136 Datasheet HTML 17Page - Lumileds Lighting Company AB136 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
AB136 LUXEON MZ Application Brief 20150528 ©2015 Lumileds Holding B.V. All rights reserved.
14
4.4 Thermal Measurement Result
A 1.6mm thick Al-MCPCB star board with 1 oz top copper, dielectric thickness of 0.08mm and dielectric thermal
conductivity of 2.7Wm-1K-1 as described in section 3.3 was used in the characterization of the T
s point thermal resistance
(Rq
j-s). This value was experimentally determined to be 2.3K/W for this Al-MCPCB star board design.
For other PCB designs, an experiment or thermal simulation may need to be conducted to determine (Rq
j-s).
T
j = Ts + (2.3K/W) • Pelectrical
5. Assembly Process Guidelines
5.1 Stencil Design
Figure 14 shows the recommended stencil design for LUXEON MZ. The recommended stencil thickness is 125μm.
Figure 14. Recommended stencil design for LUXEON MZ. All dimensions in mm.
5.2 Solder Paste
Lumileds recommends a lead-free no clean solder paste to mount LUXEON MZ emitters onto a PCB. Lumileds successfully
tested a solder paste from Alpha® SAC305-CVP390-M20 type 3. However, since application environments vary widely,
Lumileds recommends that customers perform their own solder paste evaluation in order to ensure it is suitable for the
targeted application.
5.3 Solder Paste Screen Printing
In general there are three methods to align the stencil to the PCB during solder paste screen printing:
1. The stencil is manually aligned to the PCB prior to printing. No adjustments are made during printing.
2. The stencil is manually aligned to the PCB prior to printing. During printing, the machine keeps track of the PCB
fiducial mark(s) and makes any necessary adjustments to maintain proper alignment with the PCB.
3. A technician performs a crude alignment of the stencil to the PCB. During printing, the machine keeps track of
the PCB fiducial mark(s) and the stencil fiducial mark(s) and maintains proper alignment between the fiducials
throughout the process.
Method 1 has the worst accuracy and repeatability of the three methods discussed. Method 2 offers the same accuracy
as method 1 but ensures better repeatability. Method 3 has the best accuracy and best repeatability of the 3 methods
discussed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com