Electronic Components Datasheet Search
  English  ▼

X  

ADF4154BCP Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4154BCP
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4154BCP Datasheet HTML 12Page - Analog Devices ADF4154BCP Datasheet HTML 13Page - Analog Devices ADF4154BCP Datasheet HTML 14Page - Analog Devices ADF4154BCP Datasheet HTML 15Page - Analog Devices ADF4154BCP Datasheet HTML 16Page - Analog Devices ADF4154BCP Datasheet HTML 17Page - Analog Devices ADF4154BCP Datasheet HTML 18Page - Analog Devices ADF4154BCP Datasheet HTML 19Page - Analog Devices ADF4154BCP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADF4154
Rev. 0 | Page 18 of 20
If fast-lock is not used, then use the following sequence:
1.
Load the noise and spur register.
2.
Load the control register.
3.
Load the R-divider register with DB23 = 0 and other
necessary parameters.
4.
Load the N-divider register, including fast-lock = 0
(DB23) for normal operation.
To change frequency, only Step 4 need be repeated.
FAST-LOCK: A WORKED EXAMPLE
Consider an example in which PLL has reference frequencies of
13 MHz and FPFD = 13 MHz and a required lock time of 50 µs.
Therefore, the PLL is set to wide bandwidth for 40 µs.
If the time period chosen for the wide bandwidth is 40 µs, then
Fast-lock timer value = time in wide bandwidth × FPFD
Fast-lock timer value = 40 µs × 13 MHz = 520
Therefore, 520 has to be loaded into the R-divider register in
Step 1 of the sequence described in the Fast-Lock Timer and
Register Sequences section.
FAST-LOCK: LOOP FILTER TOPOLOGY
To use fast-lock mode, an extra connection from the PLL to the
loop filter is needed. The MUXOUT must reduce the damping
resistor in the loop filter to ¼ while in wide bandwidth mode.
This is required because the charge pump current is increased
by 16 while in wide bandwidth mode and stability must be
ensured. This can be done with the following two topologies:
1.
Divide the damping resistor (R1) into two values (R1 and
R1A) of ratio 1:3 (see Figure 22).
2.
Use an extra resistor (R1A) and connect it directly from the
MUXOUT, as shown in Figure 22. The extra resistor must
be chosen such that the parallel combination of an extra
resistor and the damping resistor (R1) is reduced to ¼ of
the original value of R1 alone (see Figure 23).
ADF4154
CP
MUXOUT
C1
C2
R2
R1
R1A
C3
VCO
Figure 22 Fast-lock Loop Filter Topology—Topology 1
ADF4154
CP
MUXOUT
C1
C2
R2
R1
R1A
C3
VCO
Figure 23. Fast-lock Loop Filter Topology—Topology 2
SPURIOUS SIGNALS
Predicting Where They Appear
As in integer-N PLLs, spurs appear at PFD frequency offsets
from the carrier. In a fractional-N PLL, spurs also appear at
frequencies equal to the RFOUT channel step resolution (fRES).
The third-order fractional interpolator engine of the ADF4154
may also introduce subfractional spurs. If the fractional deno-
minator (MOD) is divisible by 2, spurs appear at ½ fRES. If the
fractional denominator (MOD) is divisible by 3, spurs appear at
1/3 fRES. Harmonics of all spurs mentioned also appear. With the
lowest spur mode enabled, the fractional and subfractional
spurs are attenuated dramatically. The worst-case spurs appear
when the fraction is programmed to 1/MOD. For example, in a
GSM 900 MHz system with a 26 MHz PFD frequency and an
RFOUT channel step resolution (fRES) of 200 kHz, the MOD = 130.
PFD spurs appear at 26 MHz offset and fractional spurs appear
at 200 kHz offset. Since the MOD is divisible by 2, subfractional
spurs are also present at 100 kHz offset.
FILTER DESIGN—ADISIMPLL
A filter design and analysis program is available to help the user
implement the PLL design. Visit www.analog.com/pll for a free
download of the ADIsimPLL software. The software designs,
simulates, and analyzes the entire PLL frequency and time
domain response. Various passive and active filter architectures
are allowed. Rev. 2 of ADIsimPLL allows analysis of the
ADF4154.
INTERFACING
The ADF4154 has a simple, SPI® compatible serial interface for
writing to the device. SCLK, SDATA, and LE control the data
transfer. When LE (latch enable) is high, the 22 bits that have
been clocked into the input register on each rising edge of
SCLK are transferred to the appropriate latch. See Figure 2 for
the timing diagram and Table 5 for the latch truth table.
The maximum allowable serial clock rate is 20 MHz. This
means that the maximum update rate possible for the device is
909 kHz or one update every 1.1 µs. This is more than adequate
for systems that have typical lock times in the hundreds of
microseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com