Electronic Components Datasheet Search
  English  ▼

X  

ADF4154BCP Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4154BCP
Description  Fractional-N Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCP Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4154BCP Datasheet HTML 12Page - Analog Devices ADF4154BCP Datasheet HTML 13Page - Analog Devices ADF4154BCP Datasheet HTML 14Page - Analog Devices ADF4154BCP Datasheet HTML 15Page - Analog Devices ADF4154BCP Datasheet HTML 16Page - Analog Devices ADF4154BCP Datasheet HTML 17Page - Analog Devices ADF4154BCP Datasheet HTML 18Page - Analog Devices ADF4154BCP Datasheet HTML 19Page - Analog Devices ADF4154BCP Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADF4154
Rev. 0 | Page 20 of 20
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153AB
Figure 26. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
1
20
5
6
11
16
15
BOTTOM
VIEW
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.0
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
Figure 27. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body, (CP-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Description
Temperature Range
Package Option
ADF4154BRU
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4154BRU-REEL
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4154BRU-REEL7
Thin Shrink Small Outline Package (TSSOP)
−40°C to +85°C
RU-16
ADF4154BCP
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
ADF4154BCP-REEL
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
ADF4154BCP-REEL7
Lead Frame Chip Scale Package (LFCSP)
−40°C to +85°C
CP-20
EVAL-ADF4154EB1
Purchase of licensed I2C components of Analog Devices, Inc. or one of its sublicensed Associated Companies conveys a license for the purchaser under the
Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specifications as defined by Philips.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04833–0–4/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com