Electronic Components Datasheet Search
  English  ▼

X  

DG534A Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG534A
Description  4-/8-Channel Wideband Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG534A Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG534A Datasheet HTML 7Page - Vishay Siliconix DG534A Datasheet HTML 8Page - Vishay Siliconix DG534A Datasheet HTML 9Page - Vishay Siliconix DG534A Datasheet HTML 10Page - Vishay Siliconix DG534A Datasheet HTML 11Page - Vishay Siliconix DG534A Datasheet HTML 12Page - Vishay Siliconix DG534A Datasheet HTML 13Page - Vishay Siliconix DG534A Datasheet HTML 14Page - Vishay Siliconix DG534A Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DG534A/538A
Vishay Siliconix
Document Number: 70069
S-05734—Rev. G, 29-Jan-02
www.vishay.com
11
TEST CIRCUITS
FIGURE 4. Transition Time and Break-Before-Make Interval
FIGURE 5. Charge Injection
Transition Time
(tTRANS)
VOUT
S1
S16
Turning Off
Turning On
BBM Interval
A0, A1, A2
50%
90%
3 V
0 V
VO
SB1
1 k
W
SA1
EN
SA2 – SBn
8/4
or
4/2
45 pF
DA
DB
VL
A0, A1, A2
+
10
mF
100 nF
RS
I/O
WR
Logic Input
tr <20 ns
tf <20 ns
+
10
mF
100 nF
Logic
Input
V–
–3 V
+15 V
V+
GND
+5 V
+1 V
EN
VOUT
DVOUT
DVOUT is the measured voltage error due to
charge injection. The charge injection in Cou-
lombs is Q = CL x DVOUT
EN
8/4
or
4/2
VO
V+
DA
DB
I/O
WR
SBn
A0, A1, A2, RS
+
10
mF
+
100 nF
10
mF
100 nF
CL = 1000 pF
GND
V–
–3 V
+15 V
VL
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com