Electronic Components Datasheet Search
  English  ▼

X  

DG534A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG534A
Description  4-/8-Channel Wideband Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG534A Datasheet(HTML) 3 Page - Vishay Siliconix

  DG534A Datasheet HTML 1Page - Vishay Siliconix DG534A Datasheet HTML 2Page - Vishay Siliconix DG534A Datasheet HTML 3Page - Vishay Siliconix DG534A Datasheet HTML 4Page - Vishay Siliconix DG534A Datasheet HTML 5Page - Vishay Siliconix DG534A Datasheet HTML 6Page - Vishay Siliconix DG534A Datasheet HTML 7Page - Vishay Siliconix DG534A Datasheet HTML 8Page - Vishay Siliconix DG534A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DG534A/538A
Vishay Siliconix
Document Number: 70069
S-05734—Rev. G, 29-Jan-02
www.vishay.com
3
TRUTH TABLE
DG538A
I/O
A2
A1
A0
EN
WR
RS
8/4a
On Switch
X
X
X
X
X
1
1
Maintains previous state
X
X
X
X
X
X
0
X
None (latches cleared)
X
X
X
X
0
0
1
X
None
0
0
0
0
1
0
1
0
SA1
0
0
0
1
1
0
1
0
SA2
0
0
1
0
1
0
1
0
SA3
0
0
1
1
1
0
1
0
SA4
DA and DB should be
0
1
0
0
1
0
1
0
SB1
DA and DB should be
connected externally
0
1
0
1
1
0
1
0
SB2
Latches Transparent
0
1
1
0
1
0
1
0
SB3
0
1
1
1
1
0
1
0
SB4
0
X
0
0
1
0
1
1
SA1 and SB1
0
X
0
1
1
0
1
1
SA2 and SB2
0
X
1
0
1
0
1
1
SA3 and SB3
0
X
1
1
1
0
1
1
SA4 and SB4
1
Note b
1
1
Note c
Logic “0” = VAL v 0.8 V
Logic “1” = VAH w 2 V
X = Don’t Care
Notes:
a.
Connect DA and DB together externally for single-ended operation.
b.
With I/O high, An and EN pins become outputs and reflect latch contents. See timing diagrams for more detail.
c.
8/4 can be either “1” or “0” but should not change during these operations.
ORDERING INFORMATION
Temperature Range
Package
Part Number
DG534A
_
20-Pin Plastic DIP
DG534ADJ
–40 to 85
_C
20-Pin PLCC
DG534ADN
–55 to 125
_C
20-Pin Sidebraze
DG534AAP/883, 5962-906021MRC
DG538A
_
28-Pin Plastic DIP
DG538ADJ
–40 to 85
_C
28-Pin PLCC
DG538ADN
–55 to 125
_C
28-Pin Sidebraze
DG538AAP/883, 5962-8976001MXA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com