Electronic Components Datasheet Search
  English  ▼

X  

DG534A Datasheet(PDF) 13 Page - Vishay Siliconix

Part # DG534A
Description  4-/8-Channel Wideband Video Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG534A Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button DG534A Datasheet HTML 8Page - Vishay Siliconix DG534A Datasheet HTML 9Page - Vishay Siliconix DG534A Datasheet HTML 10Page - Vishay Siliconix DG534A Datasheet HTML 11Page - Vishay Siliconix DG534A Datasheet HTML 12Page - Vishay Siliconix DG534A Datasheet HTML 13Page - Vishay Siliconix DG534A Datasheet HTML 14Page - Vishay Siliconix DG534A Datasheet HTML 15Page - Vishay Siliconix DG534A Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DG534A/538A
Vishay Siliconix
Document Number: 70069
S-05734—Rev. G, 29-Jan-02
www.vishay.com
13
TEST CIRCUITS
Meter
HP4192A
Impedance
Analyzer
or Equivalent
FIGURE 11. On State Input Capacitance
FIGURE 12. Off State Input/Output Capacitance
SB1
SA1
EN
8/4
or
4/2
DA
DB
VL
RS
I/O
WR
V–
–3 V
V+
GND
+5 V
A0
A2
A1
SAn
SBn
+15 V
SB1
SA1
EN
VL
RS
I/O
WR
V–
–3 V
V+
GND
+5 V
SA2
SB2
+15 V
8/4 or 4/2
DA
DB
Meter
HP4192A
Impedance
Analyzer
or Equivalent
OPERATING VOLTAGE RANGE
22
21
20
19
18
17
16
15
14
13
12
11
10
–5
–4
–3
–2
–1
–5.5
0
Notes:
a.
Both V+ and V– must have decoupling capacitors mounted as close as possible to the device pins. Typical decoup-
ling capacitors would be 10-
mF tantalum bead in parallel with 100-nF ceramic disc.
b.
Production tested with V+ = 15 V and V– = –3 V.
a.
For VL = 5 V "10%, 0.8- or 2-V TTL compatibility is maintained over the entire operating voltage range.
Allowable Operating Voltage
Area
(Note b)
Positive Supply Voltage
V+ (Volts)
Negative Supply Voltage
V– (Volts)
FIGURE 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com