Electronic Components Datasheet Search
  English  ▼

X  

PEM002-MIM Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PEM002-MIM
Description  60 GHz Receiver (Rx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002-MIM Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PEM002-MIM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002-MIM
PEM002-MIM
60 GHz Receiver (Rx) Waveguide Module
5
Table 2 Recommended Operating Conditions
Description
Unit
Power Supplies
V
1 Reference clock power level specified at 100 ohms differential
2 Baseband voltage at each of the 4 baseband outputs (I +/-, Q +/-)
3 Temperature sensor is a 2N3904 NPN transistor die connected as a diode junction
Min
Typ
Max
Name
Vcc
Vdd
ST4 Pin #
8,22,24,26,
28,30,32
10,34
2.7
2.565
2.835
1.5
1.425
1.575
V
Serial Control Port
Logic High
Serial Control Port
Logic Low
DATA
CLOCK
ENABLE
RESET
SCANOUT
DATA
CLOCK
ENABLE
RESET
SCANOUT
38
36
39
37
40
38
36
39
37
40
1.3
1.575
1.0
0.1
0.33
-.05
V
V
Reference Clock
1
REFCLKM
REFCLKP
25
27
0
-5
3
dBm
OUT_QM
OUT_QP
OUT_IM
OUT_QP
I and Q Baseband
2
1
3
7
9
Operating Temperature
-40
85
°C
Temperature Sensor
3
Q1_E
Q1_B_C
31
33
10
100
400
mVPP
Vcc 2.7V Supply Current
Icc
Idd
225
mA
8
mA
Vdd 1.5V Supply Current
TA
Serial Control Port Speed
100
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com