Electronic Components Datasheet Search
  English  ▼

X  

PEM002-MIM Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PEM002-MIM
Description  60 GHz Receiver (Rx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002-MIM Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

Back Button PEM002-MIM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 12Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002-MIM
PEM002-MIM
60 GHz Receiver (Rx) Waveguide Module
8
Synthesizer Design
The PEM002 receiver uses a double conversion superheterodyne architecture with a sliding IF. The IF frequency is at 1/7 the
RF carrier frequency, and the VCO is at 2/7 the RF carrier frequency. The LO is 3x the VCO frequency.
The tables below show the RF carrier, IF, VCO and LO for the frequency range from 57 GHz to 64.80 GHz at 540 MHz and
500 MHz channel spacing respectively. The reference clock for the synthesizer at 540 MHz spacing is 308.571 MHz; for 500
MHz spacing it is 285.714 MHz. The loop bandwidth of the synthesizer phase lock loop is 200 kHz.
540 MHz Spacing
500 MHz Spacing
fRF
IF
VCO
LO
57.24
8.177
16.354
49.063
57.78
8.254
16.509
49.526
58.32
8.331
16.663
49.989
58.86
8.409
16.817
50.451
59.40
8.486
16.971
50.914
59.94
8.563
17.126
51.377
60.48
8.640
17.280
51.840
61.02
8.717
17.434
52.303
61.56
8.794
17.589
52.766
62.10
8.871
17.743
53.229
62.64
8.949
17.897
53.691
63.18
9.026
18.051
54.154
63.72
9.103
18.206
54.617
64.26
9.180
18.360
55.080
64.80
9.257
18.514
55.543
fRF
IF
VCO
LO
57.00
8.143
16.286
48.857
57.50
8.214
16.429
49.286
58.00
8.286
16.571
49.714
58.50
8.357
16.714
50.143
59.00
8.429
16.857
50.571
59.50
8.500
17.000
51.000
60.00
8.571
17.413
51.429
60.50
8.643
17.286
51.587
61.00
8.714
17.429
52.286
61.50
8.786
17.571
52.714
62.00
8.857
17.714
53.143
62.50
8.929
18.587
53.571
63.00
9.000
18.000
54.000
63.50
9.071
18.143
54.429
64.00
9.143
18.286
54.857
Figure 4 Synthesizer RF, IF, VCO and LO Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com