Electronic Components Datasheet Search
  English  ▼

X  

PEM002-MIM Datasheet(PDF) 11 Page - Pasternack Enterprises, Inc.

Part # PEM002-MIM
Description  60 GHz Receiver (Rx) Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002-MIM Datasheet(HTML) 11 Page - Pasternack Enterprises, Inc.

Back Button PEM002-MIM Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM002-MIM Datasheet HTML 15Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002-MIM
PEM002-MIM
60 GHz Receiver (Rx) Waveguide Module
11
Table 4.1 Register Byte Functions
Bit
Name
BYTE 0
7
ask_pwrdn
bbamp_pwrdn_i
6
5
4
3
2
1
0
bbamp_pwrdn_q
divider_pwrdn
if_bgmux_pwrdn
ifmix_pwrdn_i
ifmix_pwrdn_q
ifvga_pwrdn
Active high to power down ASK demodulator
Active high to power down I-channel baseband amplifier
Active high to power down Q-channel baseband amplifier
Active high to power down local oscillator divider
Active high to power down one of three on-chip refs (IF) and associated mux
Active high to power down I-channel IF to baseband mixer
Active high to power down Q-channel IF to baseband mixer
Active high to power down IF variable gain amplifier
BYTE 1
Function
7
6
5
4
3
2
1
0
BYTE 2
ipc_pwrdn
lna_pwrdn
rfmix_pwrdn
tripler_pwrdn
bbamp_atten1_0
7
6
5
4
3
2
1
0
bbamp_attenfi_0
bbamp_selask
bbamp_sigshort
bbamp_atten1_1
Active high to power down module current reference generator
Active high to power down low noise amplifier and reference
Active high to power down RF to IF mixer
Active high to power down frequency tripler
First baseband attenuator: bits <2:3>
11 = 18 dB; 10 = 12 dB; 01 = 6 dB; 00 = 0 dB
bbamp_atten2_0
bbamp_atten2_1
Second baseband attenuator: bits <0:1>
11 = 18 dB; 10 = 12 dB; 01 = 6 dB; 00 = 0 dB
bbamp_attenfi_1
bbamp_attenfi_2
bbamp_attenfq_0
bbamp_attenfq_1
bbamp_attenfq_2
I Channel baseband fine attenuator: bits <5:7>
101 = 5 dB; 100 = 4 dB; 011 = 3 dB; 010 = 2 dB; 001 = 1 dB; 000 = 0 dB
Q Channel baseband fine attenuator: bits <2:4>
101 = 5 dB; 100 = 4 dB; 011 = 3 dB; 010 = 2 dB; 001 = 1 dB; 000 = 0 dB
Active high to switch the ASK detector into the I channel baseband amplifier
Active high to short the inputs to the I and Q channel baseband amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com