Electronic Components Datasheet Search
  English  ▼

X  

DS117 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # DS117
Description  Chip-scale packages for maximum design flexibility
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS117 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  DS117 Datasheet HTML 1Page - Lumileds Lighting Company DS117 Datasheet HTML 2Page - Lumileds Lighting Company DS117 Datasheet HTML 3Page - Lumileds Lighting Company DS117 Datasheet HTML 4Page - Lumileds Lighting Company DS117 Datasheet HTML 5Page - Lumileds Lighting Company DS117 Datasheet HTML 6Page - Lumileds Lighting Company DS117 Datasheet HTML 7Page - Lumileds Lighting Company DS117 Datasheet HTML 8Page - Lumileds Lighting Company DS117 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS117 LUXEON FlipChip White Product Datasheet 20151123 ©2015 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON FlipChip White LEDs are tested and binned with a DC drive current of 175mA for LUXEON FlipChip White 05 and 350mA
for LUXEON FlipChip White 10 at a junction temperature, T
j, of 85ºC. LUXEON FlipChip White is specified based on measurements
on a ceramic tile with high reflective surface.
Part Number Nomenclature
Part numbers for LUXEON FlipChip White follow the convention below:
L
A F 2 – B B C C D D 0 0 0 0 0 0 0
Where:
A
–
designates packaging option (0=bin sheet, 1=tape and reel)
B B –
designates nominal CCT (27=2700K, 30=3000K, 40=4000K)
C C –
designates minimum CRI performance (70=70CRI, 80=80CRI)
D D –
designates product (05=LUXEON FlipChip White 05, 10=LUXEON FlipChip White 10)
Therefore, the following part number is used for a LUXEON FlipChip 10 3000K 80CRI, packaged in a tape and reel:
L
1 F 2 – 3 0 8 0 1 0 0 0 0 0 0 0 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON FlipChip
White is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the
following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com