Electronic Components Datasheet Search
  English  ▼

X  

DS117 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS117
Description  Chip-scale packages for maximum design flexibility
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS117 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS117 Datasheet HTML 1Page - Lumileds Lighting Company DS117 Datasheet HTML 2Page - Lumileds Lighting Company DS117 Datasheet HTML 3Page - Lumileds Lighting Company DS117 Datasheet HTML 4Page - Lumileds Lighting Company DS117 Datasheet HTML 5Page - Lumileds Lighting Company DS117 Datasheet HTML 6Page - Lumileds Lighting Company DS117 Datasheet HTML 7Page - Lumileds Lighting Company DS117 Datasheet HTML 8Page - Lumileds Lighting Company DS117 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS117 LUXEON FlipChip White Product Datasheet 20151123 ©2015 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON FlipChip White at test current, T
j=85ºC .
PRODUCT
NOMINAL
CCT
MINIMUM
CRI [1, 2]
LUMINOUS FLUX [1] (lm)
TYPICAL
LUMINOUS
EFFICACY
(lm/W)
TYPICAL
LUMINOUS
FLUX (lm)
TYPICAL
LUMINOUS
EFFICACY
(lm/W)
TEST
CURRENT
(mA)
PART NUMBER
MINIMUM
TYPICAL
TEST CURRENT
2X TEST CURRENT
LUXEON
FlipChip
White
05
4000K
70
57
60
124
106
105
175
LxF2-4070050000000
2700K
80
45
49
101
86
86
175
LxF2-2780050000000
3000K
80
47
53
109
94
94
175
LxF2-3080050000000
LUXEON
FlipChip
White
10
4000K
70
120
135
139
238
118
350
LxF2-4070100000000
5000K
70
120
137
141
242
120
350
LxF2-5070100000000
5700K
70
120
137
141
242
120
350
LxF2-5770100000000
2700K
80
90
108
111
189
94
350
LxF2-2780100000000
3000K
80
100
114
118
200
99
350
LxF2-3080100000000
4000K
80
104
121
124
212
106
350
LxF2-4080100000000
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI and ±6.5% on luminous flux measurements.
2. Typical CRI is approximately 2 points higher than the minimum CRI specified, but this is not guaranteed.
Optical Characteristics
Table 2 . Optical characteristics for LUXEON FlipChip White at test current, T
j=85°C .
PART NUMBER
TYPICAL TOTAL INCLUDED ANGLE [1]
TYPICAL VIEWING ANGLE [2, 3]
LxF2-xxxxxx0000000
168°
148°
Notes for Table 2:
1. Total angle at which 90% of total luminous flux is captured.
2. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value. Radiation pattern slice measured in the plane parallel to one of the four sides of
the emitter.
3. Represents optical characteristics when mounted on a silver reflective substrate.
Electrical and Thermal Characteristics
Table 3 . Electrical and thermal characteristics for LUXEON FlipChip White at test current, T
j=85ºC .
PART NUMBER
FORWARD VOLTAGE (V) [1]
TYPICAL TEMPERATURE
COEFFICIENT OF FORWARD
VOLTAGE (mV/°C) [2]
TYPICAL THERMAL
RESISTANCE — JUNCTION TO
SOLDER PAD (°C/W)
MINIMUM
TYPICAL
MAXIMUM
LxF2-xxxx050000000
2.50
2.77
3.10
-1.9
4
LxF2-xxxx100000000
2.50
2.77
3.10
-1.9
2
Notes for Table 3:
1. Lumileds maintains a tolerance of ±0.06V on forward voltage measurements.
2. Measured between 25°C and 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com