Electronic Components Datasheet Search
  English  ▼

X  

DS117 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # DS117
Description  Chip-scale packages for maximum design flexibility
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS117 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  DS117 Datasheet HTML 1Page - Lumileds Lighting Company DS117 Datasheet HTML 2Page - Lumileds Lighting Company DS117 Datasheet HTML 3Page - Lumileds Lighting Company DS117 Datasheet HTML 4Page - Lumileds Lighting Company DS117 Datasheet HTML 5Page - Lumileds Lighting Company DS117 Datasheet HTML 6Page - Lumileds Lighting Company DS117 Datasheet HTML 7Page - Lumileds Lighting Company DS117 Datasheet HTML 8Page - Lumileds Lighting Company DS117 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ILLUMINATION
DS117 LUXEON FlipChip White Product Datasheet ©2015 Lumileds Holding B.V. All rights reserved.
LUXEON FlipChip White enables the next generation of lighting applications.
Lumileds industry-leading line of Chip Scale Package (CSP) LEDs gives
customers complete design flexibility. LUXEON FlipChip White includes
the highest flux-density chip scale package, maximizing beam control and
enabling high packing density on a PCB. Its wide viewing angle delivers
increased uniformity and potential for system cost reductions in diffuse
and omnidirectional lighting applications. In addition, LUXEON FlipChip
White is the ideal choice for cost sensitive applications as it can achieve
high efficacy and flux at high current density, providing leading lm/$.
LUXEON FlipChip White
Chip-scale packages for maximum
design flexibility
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
Direct attach — no wire bonds for high reliability
Downlights
Micro sized: 1.4mm x 1.4mm and 1.1mm x 1.1mm packages for
design flexibilty and high packing density
High Bay & Low Bay
Small source size for highest luminance and beam control
Lamps
Wide viewing angle provides increased uniformity
Outdoor
High efficacy at high drive current provides leading system level lm/$
Specialty Lighting
Low thermal resistance down to 2°C/W for LUXEON FlipChip White 10
Spotlights


Similar Part No. - DS117

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS1171 TTELEC-DS1171 Datasheet
334Kb / 2P
High Pressure Liquid Flow Meter
DS1172 TTELEC-DS1172 Datasheet
311Kb / 1P
Mag X2
DS1173 TTELEC-DS1173 Datasheet
304Kb / 1P
Compressed Air Flow Meter
More results

Similar Description - DS117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWC2 ETC1-LXML-PWC2 Datasheet
2Mb / 33P
Leading efficacy and light output, maximum design flexibility
logo
Analog Devices
ADG786 AD-ADG786_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
ADG788 AD-ADG788_15 Datasheet
256Kb / 11P
SPDT Switches in Chip Scale Packages
REV. B
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17515 MAXIM-MAXM17515 Datasheet
2Mb / 15P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17516 MAXIM-MAXM17516 Datasheet
569Kb / 14P
Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
MAXM17545 MAXIM-MAXM17545 Datasheet
948Kb / 19P
Offers Flexibility for Power-Design Optimization
Rev 0; 11/14
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
Chip-scale packages for maximum design flexibility
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com