Electronic Components Datasheet Search
  English  ▼

X  

HPC467064 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  HPC467064 Datasheet HTML 1Page - National Semiconductor (TI) HPC467064 Datasheet HTML 2Page - National Semiconductor (TI) HPC467064 Datasheet HTML 3Page - National Semiconductor (TI) HPC467064 Datasheet HTML 4Page - National Semiconductor (TI) HPC467064 Datasheet HTML 5Page - National Semiconductor (TI) HPC467064 Datasheet HTML 6Page - National Semiconductor (TI) HPC467064 Datasheet HTML 7Page - National Semiconductor (TI) HPC467064 Datasheet HTML 8Page - National Semiconductor (TI) HPC467064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
20 MHz
AC Electrical Characteristics (Continued)
(See Notes 1 and 4 and
Figures 1 thru 5 ) VCC e 5V g5% TA eb55 Cto a125 C for HPC167064 and VCC e 5V g10%
TA e 0 Cto a70 C for HPC467064 (Continued)
Symbol and Formula
Parameter
Min
Max
Units
Notes
tDC1ALER
Delay from CKI Rising Edge to ALE Rising Edge
0
35
ns
(Notes 1 2)
tDC1ALEF
Delay from CKI Rising Edge to ALE Falling Edge
0
35
ns
(Notes 1 2)
tDC2ALER e
tC a 20
Delay from CK2 Rising Edge to ALE Rising Edge
45
ns
tDC2ALEF e
tC a 20
Delay from CK2 Falling Edge to ALE Falling Edge
45
ns
tLL e
tC b 9
ALE Pulse Width
41
ns
tST e
tC b 7
Setup of Address Valid before ALE Falling Edge
18
ns
tVP e
tC b 5
Hold of Address Valid after ALE Falling Edge
20
ns
tARR e
tC b 5
ALE Falling Edge to RD Falling Edge
20
ns
tACC e tC a WS b 55
Data Input Valid after Address Output Valid
145
ns
tRD e
tC a WS b 65
Data Input Valid after RD Falling Edge
85
ns
tRW e
tC a WS b 10
RD Pulse Width
140
ns
tDR e
tC b 15
Hold of Data Input Valid after RD Rising Edge
0
60
ns
tRDA e tC b 15
Bus Enable after RD Rising Edge
85
ns
tARW e
tC b 5
ALE Falling Edge to WR Falling Edge
45
ns
tWW e
tC a WS b 15
WR Pulse Width
160
ns
tV e
tC a WS b 5
Data Output Valid before WR Rising Edge
145
ns
tHW e
tC b 5
Hold of Data Valid after WR Rising Edge
20
ns
tDAR e
tC a WS b 50
Falling Edge of ALE to Falling Edge of RDY
75
ns
tRWR e tC
RDY Pulse Width
100
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com