Electronic Components Datasheet Search
  English  ▼

X  

HPC467064 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button HPC467064 Datasheet HTML 6Page - National Semiconductor (TI) HPC467064 Datasheet HTML 7Page - National Semiconductor (TI) HPC467064 Datasheet HTML 8Page - National Semiconductor (TI) HPC467064 Datasheet HTML 9Page - National Semiconductor (TI) HPC467064 Datasheet HTML 10Page - National Semiconductor (TI) HPC467064 Datasheet HTML 11Page - National Semiconductor (TI) HPC467064 Datasheet HTML 12Page - National Semiconductor (TI) HPC467064 Datasheet HTML 13Page - National Semiconductor (TI) HPC467064 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Functional Modes of Operation
There are two primary functional modes of operation for the
HPC167064
 EPROM Mode
 Normal Running Mode
EPROM MODE
In the EPROM mode the HPC167064 is configured to ‘‘ap-
proximately emulate’’ a standard NMC27C256 EPROM
Some dissimilarities do exist The most significant one is
that HPC167064 contains only 16 kbytes of programmable
memory
rather than the 32 kbytes in 27C256
An
HPC167064 in the EPROM mode can be programmed with
a Data IO machine
Given below is the list of functions that can be performed by
the user in the EPROM mode
 Programming
CAUTION Exceeding 14V on pin 1 (VPP) will damage the
HPC167064
Initially and after each erasure all bits of the HPC
EPROM are in the ‘‘1’’ state Data is introduced by selec-
tively programming ‘‘0s’’ into the desired bit locations
Although only ‘‘0s’’ will be programmed both ‘‘1s’’ and
‘‘0s’’ can be presented in the data word The only way to
change a ‘‘0’’ to a ‘‘1’’ is by ultraviolet light erasure
 Programverify EPROM registers
To read data (verify) during the programming process
VPP must be at 13V When reading data after the pro-
gramming process VPP can be either 13V or at VCC
 Programverify ECON registers
There are two configuration registers ECON6 and
ECON7 to emulate different family members and also to
enabledisable different features in the chip These reg-
isters are not mapped in the EPROM user space These
bytes must be programmed through a pointer register
ECONA
To prevent unintentional programming the ECON6 7
registers must be programmed with the assistance of this
pointer register ECONA and externally presented ad-
dress both identify the same ECON register may be pro-
grammed
NORMAL RUNNING MODE
In this mode the HPC167064 executes user software in the
normal manner By default its arcitecture imitates that of
the HPC16064
It may be configured to emulate the
HPC16083 The addressable memory map will be exactly as
for the HPC16083 The WATCHDOG function monitors ad-
dresses accordingly Thus the HPC167064 can be used as
a stand-alone emulator for both HPC16064 and HPC16083
Within this mode the on-chip EPROM cell acts as read only
memory
Each
memory
fetch
is
16-bits
wide
The
HPC167064 operates to 20 MHz with 1 wait state for the on-
chip memory
The HPC167064 emulates the HPC16064 and HPC16083
except as described here
 The value of EXM is latched on the rising edge of
RESET Thus the user may not switch from ROMed to
ROMless operation or vice-versa
without another
RESET pulse
 The security logic can be used to control access to the
on-chip
EPROM
This
feature
is
unique
to
the
HPC167064 There is no corresponding mode of opera-
tion on the HPC16064 or the HPC16083
 Specific inputs are allowed to be driven at high voltage
(13V) to configure the device for programming These
high voltage inputs are unique to the HPC167064 The
same inputs cannot be driven to high voltage on the
HPC16064 and HPC16083 without damage to the part
 The Port D input structure on this device is slightly differ-
ent from the masked ROM HPC16083 and HPC16064
VIH2 min and VIL2 max are the same as for the masked
ROM HPC16083 and HPC16064 There is a VIH2 max
requirement for this device equal to VCC a 005V There
is also a VIL2 min requirement for this device equal to
GND-005V The VIH2 max and VIL2 min requirement for
the masked ROM devices is the Absolute Maximum Rat-
ings of VCCa05V and GND-05V respectively
 The DC Electrical Characteristics and AC Electrical
Characteristics for the HPC167064 where TA eb55 C
to a125 C are guaranteed over a reduced operating
voltage range of VCC g5% This is different from the
masked ROM devices that it simulates which is VCC
g
10% These characteristics for the HPC467064 where
TA eb0 Cto a70 C are guaranteed over the masked
ROM operating voltage range which is VCC g10%
 In addition to the reduced operating voltage range for the
HPC167064 the AC timing parameter tUDH is required
to be a mimimum value of 25 ns The masked ROM de-
vices require a mimimum tUDH 0f 20 ns This AC timing
parameter for the HPC467064 is required to be the same
as the masked ROM devices
HPC167064 EPROM SECURITY
The HPC167064 includes security logic to provide READ
and WRITE protection of the on-chip EPROM These de-
fined privileges are intended to deter theft alteration or un-
intentional destruction of user code Two bits are used to
define four levels of security on the HPC167064 to control
access to on-chip EPROM
Security Level 3
This is the default configuration of an erased HPC167064
READ and WRITE accesses to the on-chip EPROM or
ECON registers may be accomplished without constraint in
EPROM mode READ accesses to the on-chip EPROM may
be accomplished without constraint in NORMAL RUNNING
mode
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com