Electronic Components Datasheet Search
  English  ▼

X  

HPC467064 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC467064
Description  High-Performance microController with a 16k UV Erasable CMOS EPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC467064 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button HPC467064 Datasheet HTML 2Page - National Semiconductor (TI) HPC467064 Datasheet HTML 3Page - National Semiconductor (TI) HPC467064 Datasheet HTML 4Page - National Semiconductor (TI) HPC467064 Datasheet HTML 5Page - National Semiconductor (TI) HPC467064 Datasheet HTML 6Page - National Semiconductor (TI) HPC467064 Datasheet HTML 7Page - National Semiconductor (TI) HPC467064 Datasheet HTML 8Page - National Semiconductor (TI) HPC467064 Datasheet HTML 9Page - National Semiconductor (TI) HPC467064 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
30 MHz
AC Electrical Characteristics (Continued)
(See Notes 1 and 4 and
Figures 1 thru 5 ) VCC e 5V g10% TA e 0 Cto a70 C for HPC467064 (Continued)
Symbol and Formula
Parameter
Min
Max
Units
Notes
tARR e
tC b 5
ALE Falling Edge to RD Falling Edge
12
ns
tACC e tC a WS b 32
Data Input Valid after Address Output Valid
100
ns
tRD e
tC a WS b 39
Data Input Valid after RD Falling Edge
60
ns
tRW e
tC a WS b 14
RD Pulse Width
85
ns
tDR e
tC b 15
Hold of Data Input Valid after RD Rising Edge
0
35
ns
tRDA e tC b 15
Bus Enable after RD Rising Edge
51
ns
tARW e
tC b 5
ALE Falling Edge to WR Falling Edge
28
ns
tWW e
tC a WS b 15
WR Pulse Width
101
ns
tV e
tC a WS b 5
Data Output Valid before WR Rising Edge
94
ns
tHW e
tC b 10
Hold of Data Valid after WR Rising Edge
7
ns
tDAR e
tC a WS b 50
Falling Edge of ALE to Falling Edge of RDY
33
ns
tRWR e tC
RDY Pulse Width
66
ns
This maximum frequency is attainable provided that this external baud clock has a duty cycle such that the high period includes two (2) falling edges of the CK2
clock
Note
CL e 40 pF
Note 1
These AC Characteristics are guaranteed with external clock drive on CKI having 50% duty cycle and with less than 15 pF load on CKO with rise and fall
times (tCKIR and tCKIL) on CKI input less than 25 ns
Note 2
Do not design with this parameter unless CKI is driven with an active signal When using a passive crystal circuit its stability is not guaranteed if either CKI
or CKO is connected to any external logic other than the passive components of the crystal circuit
Note 3
tHAE is spec’d for case with HLD falling edge occurring at the latest time can be accepted during the present CPU cycle being executed If HLD falling edge
occurs later tHAE may be as long as (3tC a 4WS a 72tC a 100) depending on the following CPU instruction cycles its wait states and ready input
Note 4
WS e tWAIT c (number of pre-programmed wait states) Minimum and maximum values are calculated at maximum operating frequency tc e 3000 MHz
with one wait state programmed
Note 5
Due to emulation restrictionsactual limits will be better
Note 6
Due to tester limitationsactual limits will be better
CKI Input Signal Characteristics
RiseFall Time
TLDD11046 – 2
Duty Cycle
TLDD11046 – 3
FIGURE 1 CKI Input Signal
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com