Electronic Components Datasheet Search
  English  ▼

X  

KL5KUSB201 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 18Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 19Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 20Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 18/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
Figure 9-3-2 KL5BUDV002 Application Example
KL5K
USB201
UDP
Rpu
DBUF
HS_SIE
UDM
Rs
Osc
48MHz
UDV002
Rs
PCI 32b
33MHz
30MHz
PCI IF
SIE16b
Rext
Figure 9-3-3 KL5BUDV002 Package Image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com