Electronic Components Datasheet Search
  English  ▼

X  

KL5KUSB201 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 18Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 19Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 20Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 19/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
9.4 HS_SIE and USB201 ASIC IP
9.4.1 HS_SIE ASIC IP
HS_SIE IP is useful for Kawasaki ASIC users to design their LSI, which connects to
KL5KUSB201 or includes USB201 IP inside. Together with KL5KUSB201 chip, the IP
performs USB2.0 lower level protocol. The main features of HS_SIE are shown below.
1. RTL design makes it easy to implement with various processes
2. Compact design such as 20 k logic gates, 4x512 bytes and 1x64 bytes 1-p RAM
3. Performs HS chirp protocol and Speed detection
4. Processes the basic USB transaction such as token decode, miss-hit judgment,
error detection and data toggle bit control
5. Controls transaction flow
6. Supports up to 6 endpoints in total – control, 2 bulk in, 2 bulk out and interrupt.
7. Ease-of-use internal bus interface such as 16bit bus register access or DMA
Figure 9-4-1 HS_SIE IP Symbol
HS_SIE
SIE bus
IHOST bus
CKOUT
FS_HSN
RXACT
RXVLD
WDVLD
PU_SE0N
SIE_DAT[15:0]
RXERR
CRCERR
TXACT
TXRDY
CRCACT
BSTAT[1:0]
SUSPN
URSTN
MODE[3:0]
HCSN
HIRQ
HWRN
HRDY
HDAT[15:0]
HREQ
SYSCK
HRDN
HADR[4:0]
HACK
RXLBVLD
RXLAST
TXLBVLD
TXLAST
RSTN
TXNUL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com