Electronic Components Datasheet Search
  English  ▼

X  

KL5KUSB201 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 10/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
5.2 Package Size
LQFP-80 package size is shown in Table 5.2.
Table 5-2. LQFP-80 size information
No
Item
Size
Unit
1
body size
12.0
mm
2
thickness
max 1.70
mm
3
pin pitch
0.5
mm
5.3 Pin Assignment
Package pin number and signal name Table is listed below. Please note that power
pins named VDD18 (Pin No 39, 45, 56 and 62) are required to be supplied 1.8V, while
other power pins named AVDD and VDD should be supplied 3.3V.
Table 5-3. Pin Assignment
Pin
No
I/O
signal
name
Pin
No
I/O
signal
name
Pin
No
I/O
signal
name
Pin
No
I/O
signal name
1
--
AVDD
21
I
RSTN
41
I/O
SIE_DAT[7]
61
--
GND
2
--
GND
22
I
SUSPN
42
I/O
SIE_DAT[8]
62
--
VDD18
3
--
AVDD
23
O
BSTAT[0]
43
I/O
SIE_DAT[9]
63
IN
PU_SE0N
4
--
GND
24
O
BSTAT[1]
44
--
GND
64
IN
FS_HSN
5
O
REXT
25
I/O
SIE_DAT[0]
45
--
VDD18
65
--
GND
6
3S
RPU_ENA
26
--
VDD
46
--
GND
66
IN
CRCACT
7
--
AVDD
27
--
GND
47
--
VDD
67
IN
TXACT
8
--
GND
28
I/O
SIE_DAT[1]
48
I/O
SIE_DAT[10]
68
--
GND
9
I/O
FSDP
29
I/O
SIE_DAT[2]
49
I/O
SIE_DAT[11]
69
--
VDD
10
I/O
HSDP
30
--
GND
50
--
GND
70
I/O
WDVLD
11
I/O
HSDM
31
I/O
SIE_DAT[3]
51
I/O
SIE_DAT[12]
71
O
TXRDY
12
I/O
FSDM
32
--
VDD
52
--
GND
72
O
RXERR
13
--
GND
33
--
GND
53
I/O
SIE_DAT[13]
73
O
CRCERR
14
--
AVDD
34
I/O
SIE_DAT[4]
54
I/O
SIE_DAT[14]
74
--
GND
15
--
VDD
35
--
GND
55
--
GND
75
O
RXVLD
16
I
MODE[0]
36
--
VDD
56
--
VDD18
76
O
RXACT
17
I
MODE[1]
37
I/O
SIE_DAT[5]
57
--
GND
77
--
VDD
18
--
GND
38
I/O
SIE_DAT[6]
58
--
VDD
78
I
XIN
19
I
MODE[2]
39
--
VDD18
59
O
CKOUT
79
O
XOUT
20
I
MODE[3]
40
--
GND
60
I/O
SIE_DAT[15]
80
--
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com