Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology LTC4258 Datasheet HTML 10Page - Linear Technology LTC4258 Datasheet HTML 11Page - Linear Technology LTC4258 Datasheet HTML 12Page - Linear Technology LTC4258 Datasheet HTML 13Page - Linear Technology LTC4258 Datasheet HTML 14Page - Linear Technology LTC4258 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4258
11
4258p
rupt register as the Supply Fault bit. The remaining bits in
the register are reserved and will always read as 0. The
Supply Event bits latch high and will remain high until
cleared by reading from address 0Bh.
Supply Event CoR (Address 0Bh): Supply Event Register,
Clear on Read. Read this address to clear the Fault Event
register. Address 0Bh returns the same data as address 0Ah,
and reading address 0Bh clears all bits at both addresses.
Status Registers
Port 1 Status (Address 0Ch): Port 1 Status Register, Read
Only. This register reports the most recent detection and
classification results for port 1. Bits 0-2 report the status
of the most recent detection attempt at the port and bits 4-6
report the status of the most recent classification attempt
at the port. If power is on, these bits report the detection/
classification status present just before power was turned
on. If power is turned off at the port for any reason, all bits
in this register will be cleared. See Table 1 for detection and
classification status bit encoding.
Port 2 Status (Address 0Dh): Port 2 Status Register, Read
Only. See Port 1 Status.
Port 3 Status (Address 0Eh): Port 3 Status Register, Read
Only. See Port 1 Status.
Port 4 Status (Address 0Fh): Port 4 Status Register, Read
Only. See Port 1 Status.
Power Status (Address 10h): Power Status Register, Read
Only. The lower four bits in this register report the switch
on/off state for the corresponding ports. The upper four
bits (the power good bits) indicate that the drop across the
power switch and sense resistor for the corresponding ports
is less than 2V (typ) and power start-up is complete. The
power good bits are latched high and are only cleared when
a port is turned off or the LTC4258 is reset.
Pin Status (Address 11h): External Pin Status, Read Only.
This register reports the real time status of the AUTO
(Pin 35) and AD0-AD3 (Pins 7-10) digital input pins. The
logic state of the AUTO pin appears at bit 0 and the AD0-AD3
pins at bits 2-5. The remaining bits are reserved and will
read as 0. AUTO affects the initial states of some of the
LTC4258 configuration registers at start-up but has no
effect after start-up and can be used as a general purpose
input if desired, as long as it is guaranteed to be in the
appropriate state at start-up.
Configuration Registers
Operating Mode (Address 12h): Operating Mode Configu-
ration, Read/Write. This register contains the mode bits for
each of the four ports in the LTC4258. See Table 1 for mode
bit encoding. At power-up, all bits in this register will be set
to the logic state of the AUTO pin (Pin 35). See Operating
Modes in the Applications Information section.
Disconnect Enable (Address 13h): Disconnect Enable
Register, Read/Write. The lower four bits of this register
enable or disable DC disconnect detection circuitry at the
corresponding port. If the DC Discon Enable bit is set the
port circuitry will turn off power if the current draw at the
port falls below IMINformorethantDIS.IMINisequaltoVMIN/
RS, where RS is the sense resistor and should be 0.5Ω for
IEEE 802.3af compliance. If the bit is clear the port will not
remove power due to low current.
Detect/Class Enable (Address 14h): Detection and Clas-
sification Enable, Read/Write. The lower four bits of this reg-
ister enable the detection circuitry at the corresponding port
if that port is in Auto or Semiauto mode. The upper four bits
enable the classification circuitry at the corresponding port
if that port is in Auto or Semiauto mode. In manual mode,
setting a bit in this register will cause the LTC4258 to per-
form one classification or detection cycle on the corre-
sponding port. Writing to the Detect/Class Restart PB (18h)
has the same effect without disturbing the Detect/Class
Enable bits for other ports.
Timing Config (Address 16h): Global Timing Configuration,
Read/Write. Bits 0-1 program tDIS, the time duration before
a port is automatically tuned off after the PD is removed.
The LTC4258 can be programmed to monitor whether port
current is below IMIN (DCconnect)orportimpedanceishigh
(AC disconnect). Bits 2-3 program tICUT, the time during
which a port’s current can exceed ICUT without it being
turned off. If the current is still above ICUT after tICUT, the
LTC4258 will indicate a tICUT fault and turn the port off. Bits
REGISTER FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com